Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2 Datasheet(PDF) 58 Page - STMicroelectronics

Part # PSD4235G2
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button PSD4235G2 Datasheet HTML 54Page - STMicroelectronics PSD4235G2 Datasheet HTML 55Page - STMicroelectronics PSD4235G2 Datasheet HTML 56Page - STMicroelectronics PSD4235G2 Datasheet HTML 57Page - STMicroelectronics PSD4235G2 Datasheet HTML 58Page - STMicroelectronics PSD4235G2 Datasheet HTML 59Page - STMicroelectronics PSD4235G2 Datasheet HTML 60Page - STMicroelectronics PSD4235G2 Datasheet HTML 61Page - STMicroelectronics PSD4235G2 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
PSD4235G2
58/89
Figure 31. Port E, F and G Structure
Port F – Functionality and Structure
Port F can be configured to perform one or more
of the following functions:
s
MCU I/O Mode
s
CPLD Output – External Chip Select (ECS7-
ECS0) can be connected to Port F or Port C.
s
CPLD Input – direct input to the CPLD, no Input
Macrocells (IMC)
s
Latched Address output – Provide latched
address output as per Table 41.
s
Slew Rate – pins can be configured for fast Slew
Rate
s
Data Port – connected to D7-D0 when Port F is
configured as Data Port for a non-multiplexed
bus
s
Peripheral Mode
s
MCU Reset Mode – for 16-bit Motorola 683xx
and HC16 MCUs
Port G – Functionality and Structure
Port G can be configured to perform one or more
of the following functions:
s
MCU I/O Mode
s
Latched Address output – Provide latched
address output as per Table 41.
s
Open Drain – pins can be configured in Open
Drain Mode
s
Data Port – connected to D15-D8 when Port G
is configured as Data Port for a non-multiplexed
bus
s
MCU Reset Mode – for 16-bit Motorola 683xx
and HC16 MCUs
DATA OUT
Register
DQ
D
G
Q
DQ
DQ
WR
WR
WR
ADDRESS
Ext. CS (Port F)
ENABLE PRODUCT TERM (.OE)
ALE
READ MUX
P
D
B
CPLD - INPUT (Port F)
CONTROL Register
DIR Register
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT Pin
DATA OUT
ADDRESS
A[ 7:0] OR A[15:8]
AI04938
ISP or Battery Back-Up (Port E)
Configuration Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com