Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31036R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31036R
Description  Telephone/Modem Line Cords
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31036R Datasheet(HTML) 1 Page - Pro-Signal

  31036R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Colour
Length
Order Code
Straight Wired
White
1m
133-5131
White
3m
133-5132
White
5m
133-5134
White
10m
133-5135
White
15m
133-5136
Cross Wired
White
1m
133-5137
White
3m
133-5138
White
5m
133-5139
Telephone/Modem Line Cords
Ì Straight or Cross wired modem leads
Ì Connects a telephone or modem to tele-
phone socket, also suitable as US to UK
conversion lead
Ì Fitted with standard BT style 4 way plug
(431A) and RJ11 plug (6P4C)
Ì Supplied in White or Black
Ì Various lengths available
416026.409708


Similar Part No. - 31036R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
KR Electronics, Inc.
3103 KR-3103 Datasheet
57Kb / 3P
375 MHz Bandpass Filter
logo
List of Unclassifed Man...
3103 ETC2-3103 Datasheet
221Kb / 2P
2-Axis Analog Thumb Joystick
logo
3M Electronics
3103 3M-3103 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
logo
Heyco.
3103 HEYCO-3103 Datasheet
135Kb / 1P
Large Dome Plugs
More results

Similar Description - 31036R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
logo
Fairchild Semiconductor
ML2021 FAIRCHILD-ML2021 Datasheet
93Kb / 11P
Telephone Line Equalizer
logo
Micro Linear Corporatio...
ML2020 MICRO-LINEAR-ML2020 Datasheet
616Kb / 12P
TELEPHONE LINE EQUALIZER
ML2021 MICRO-LINEAR-ML2021 Datasheet
613Kb / 12P
TELEPHONE LINE EQUALIZER
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
Power line modem
April 15 1992
logo
Toshiba Semiconductor
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
CORDLESS TELEPHONE PBX MODEM
TLP227G TOSHIBA-TLP227G Datasheet
74Kb / 4P
CORDLESS TELEPHONE PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
Cordless Telephone PBX Modem
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
Cordless Telephone PBX MODEM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com