Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31031R Datasheet(PDF) 1 Page - Pro-Signal

Part # 31031R
Description  Fax/Modem Line Cords
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31031R Datasheet(HTML) 1 Page - Pro-Signal

  31031R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Colour
Length
Order Code
RJ11 to RJ11, 4 Way (6P4C)
White
3m
133-5140
Black
3m
133-5141
White
5m
133-5142
Black
5m
133-5143
White
10m
133-5144
Black
10m
133-5146
RJ11 to RJ11, 6 Way (6P6C)
White
3m
133-5147
Black
3m
133-5148
White
5m
133-5149
Black
5m
133-5150
White
10m
133-5151
Black
10m
133-5152
Fax/Modem Line Cords
Ì Option of RJ11 to RJ11 connector or
BT style plug to RJ11 connector
Ì 4 way (6P4C) and 6 way (6P6C) available
Ì Available in White or Black
Ì Various lengths available
416027.409827


Similar Part No. - 31031R

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310311 METZ-310311 Datasheet
289Kb / 5P
lift system, fittable without loss of poles
More results

Similar Description - 31031R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
9600/14400 bps FAX MODEM
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
High-speed fax modem data pump
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
RJ11 Fax/Modem (FXO)
logo
Toshiba Semiconductor
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
Modem - Fax Cards, Modems in PC
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
PBX Modem - Fax Card Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
PBX Modem-FAX Card Measurement Instrument
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
High Performance Fax Modem Family
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com