Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2118901 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2118901
Description  FUSES FOR SEMICONDUCTOR PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2118901 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2118901 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
URB
URB 7
FUSES
Rated
Part No.
Weight
Pack
current
Topindicator and
(kg/100)
fitting for microswitch
32 A
20 412 20
21
3
35 A
20 412 20
21
3
40 A
20 412 20
21
3
50 A
20 412 20
21
3
63 A
20 412 20
21
3
80 A
20 412 20
21
3
100 A
20 412 20
21
3
125 A
20 412 20
21
3
160 A
20 412 20

21
3
200 A
20 412 20

21
3
250 A
20 412 20

21
3
315 A
20 412 20

21
3
350 A
20 412 20

21
3
400 A
20 412 20
21
3
Size
Rated voltage
Standard
00
AC 690/700 V
DIN 43653
A
2.17 ” (55 mm)
B
1.13 ” (28.8 mm)
C
0.40 ” (10.3 mm)
D
1.16 ” (29.5 mm)
E
3.07 ” (78 mm)
F
0.10 ” (2.5 mm)
G
2.48 ” (63 mm)
H
3.15 ” (80 mm)
I
1.54 ” (39 mm)
L
(max)
4.13 ” (105 mm)
FUSES FOR SEMICONDUCTOR PROTECTION
EUROPEAN STANDARD
SIZES 000 AND 00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com