Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2118901 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2118901
Description  FUSES FOR SEMICONDUCTOR PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2118901 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2118901 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
URB
URB 1
FUSES
FUSES FOR SEMICONDUCTOR PROTECTION
EUROPEAN STANDARD
SIZES 000 AND 00
Class:
aR
Voltage rating: AC 660 V – AC 1000 V
Current rating: 10 A to 400 A
Approvals:
Standards:
DIN 43653
IEC 60269-1 and -4
DIN VDE 0636-40
UL 248-13
Extremely high interrupting rating 100 kA – 300 kA
Voltage rating AC 660 V – AC 1000 V
Protection of Power Semiconductors according to IEC 60269-1 and -4
Complies with DIN 43653 – sizes 000 and 00
with or without Topindicator and trip microswitch
aR class 10 A – 400 A according to IEC 60269-4 and DIN VDE 0636-40
Fuse Bases and Accessories are available
Features / Benefits


Similar Part No. - 2118901

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2118900-1 TEC-2118900-1 Datasheet
3Mb / 3P
1560-1602 MHz GNSS ANTENNA
2118900-1 TEC-2118900-1 Datasheet
9Mb / 18P
STANDARD AND CUSTOM ANTENNAS FOR IOT
2118903-1 TEC-2118903-1 Datasheet
2Mb / 3P
698-960, 1710-2170 & 2300-2700 MHz LTE/CELL METASPAN ANTENNA
2118903-1 TEC-2118903-1 Datasheet
9Mb / 18P
STANDARD AND CUSTOM ANTENNAS FOR IOT
2118903-1 TEC-2118903-1 Datasheet
154Kb / 1P
ANTENNA, LTE
More results

Similar Description - 2118901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A150X ETC2-A150X Datasheet
511Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A60X ETC2-A60X Datasheet
435Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com