Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2118901 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2118901
Description  FUSES FOR SEMICONDUCTOR PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2118901 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2118901 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2118901 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
URB
URB 15
FUSES
Electrical characteristics
Electrical Characteristics
A
4.96 ” (126 mm)
B
1.57 ” (40 mm)
C
0.50 ” (13 mm)
D
0.75 ” (19 mm)
E
3.15 ” (80 mm)
F
0.12 ” (3 mm)
G
1.73 ” (44 mm)
H
3.82 ” (97 mm)
I
0.26 ” (6,5 mm)
J
0.60 ” (15,5 mm)
K
0.63 ” (16 mm)
L
(max)
5.75 ” (146 mm)
MM 8
N
0.98 ” (25 mm)
Part No. 21 189 01
Rated Current: 400 A
Rated Power Acceptance: 34 W
Nut Torque: 22 Nm
Fuse Base
Size
Rated voltage
Standard
400 A
000 and 00
AC 1000 V
DIN 43653
Microswitch
Rated voltage
AC 250 V
Part No. 28 002 05
Rated voltage
Breaking capacity
non inductive Load
inductive Load
AC 250 V
5 A
5 A
Rated voltage
Breaking capacity
non inductive Load
inductive Load
(L/R = 25 ms)
DC 60 V
500 mA
200 mA
DC 24 V
2 A
2 A
GL-Microswitch
Top indicator
Fuse-link
600 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com