Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46R46 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
14
June 5, 2008
The following example shows how to clear a section of four RAM locations already defined as locations adres1 to
adres4.
data .section
¢data¢
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov
a,04h
; setup size of block
mov
block,a
mov
a,offset adres1
; Accumulator loaded with first RAM address
mov
mp,a
; setup memory pointer with first RAM address
loop:
clr
IAR
; clear the data at address defined by MP
inc
mp
; increment memory pointer
sdz
block
; check if last memory location has been cleared
jmp
loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific RAM addresses.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
: U n u s e d , r e a d a s " 0 0 "
I A R
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P D
P D C
P W M
A D R
A D C R
A C S R
H T 4 6 R 4 6
I A R
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
H T 4 6 R 4 7
I A R
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M
A D R L
A D R H
A D C R
A C S R
H T 4 6 R 4 8 A
I A R
M P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P W M 0
P W M 1
A D R L
A D R H
A D C R
A C S R
H T 4 6 R 4 9
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com