Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT46R46 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
Application Circuits
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
45
June 5, 2008
P D 0 / P W M
P B 0 / A N 0 ~ P B 3 / A N 3
P B 4 ~ P B 7
P A 0 ~ P A 2
P A 3 / P F D
P A 4 / T M R
P A 5 / I N T
P A 6 ~ P A 7
P C 0 ~ P C 1
P C 2 ~ P C 4
R E S
0 . 1 m F
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later as the application software has no control over the configuration options. All options must
be defined for proper system function, the details of which are shown in the table.
No.
Options
1
Watchdog Timer clock source: WDT oscillator or fSYS/4
2
Watchdog Timer function: enable or disable
3
CLRWDT instructions: 1 or 2 instructions
4
System oscillator: Crystal or RC
5
PA, PB and PD: pull-high enable or disable
PC: pull-high enable or disable - HT46R48A and HT46R49 only
6
PWM: enable or disable - Except HT46R49
PWM0, PWM1: enable or disable - HT46R49 only
7
PA0~PA7: wake-up enable or disable - bit option
8
PFD: normal I/O or PFD output
9
LVR function: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com