Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R46 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT46R46
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT46R46 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R46 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
43
June 5, 2008
Watchdog Timer Oscillator
The WDT oscillator is a fully integrated free running RC
oscillator with a typical period of 65
ms at 5V, requiring no
external components. It is selected via configuration op-
tion. If selected, when the device enters the Power Down
Mode, the system clock will stop running, however the
WDT oscillator will continue to run and keep the watch-
dog function active. However, as the WDT will consume a
certain amount of power when in the Power Down Mode,
for low power applications, it may be desirable to disable
the WDT oscillator by configuration option.
Power Down Mode and Wake-up
Power Down Mode
All of the Holtek microcontrollers have the ability to enter
a Power Down Mode, also known as the HALT Mode or
Sleep Mode. When the device enters this mode, the nor-
mal operating current, will be reduced to an extremely
low standby current level. This occurs because when
the device enters the Power Down Mode, the system
oscillator is stopped which reduces the power consump-
tion to extremely low levels, however, as the device
maintains its present internal condition, it can be woken
up at a later stage and continue running, without requir-
ing a full reset. This feature is extremely important in ap-
plication areas where the MCU must have its power
supply constantly maintained to keep the device in a
known condition but where the power supply capacity is
limited such as in battery applications.
Entering the Power Down Mode
There is only one way for the device to enter the Power
Down Mode and that is to execute the
²HALT² instruc-
tion in the application program. When this instruction is
executed, the following will occur:
· The system oscillator will stop running and the appli-
cation program will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT clock source is selected to come from the WDT
oscillator. The WDT will stop if its clock source origi-
nates from the system clock.
· The I/O ports will maintain their present condition.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.
Standby Current Considerations
As the main reason for entering the Power Down Mode
is to keep the current consumption of the MCU to as low
a value as possible, perhaps only in the order of several
micro-amps, there are other considerations which must
also be taken into account by the circuit designer if the
power consumption is to be minimized. Special atten-
tion must be made to the I/O pins on the device. All
high-impedance input pins must be connected to either
a fixed high or low level as any floating input pins could
create internal oscillations and result in increased cur-
rent consumption. This also applies to devices which
have different package types, as there may be
undonbed pins, which must either be setup as outputs
or if setup as inputs must have pull-high resistors
connected. Care must also be taken with the loads,
which are connected to I/O pins, which are setup as out-
puts. These should be placed in a condition in which
minimum current is drawn or connected only to external
circuits that do not draw current, such as other CMOS
inputs. Also note that additional standby current will also
be required if the configuration options have enabled the
Watchdog Timer internal oscillator.
Wake-up
After the system enters the Power Down Mode, it can be
woken up from one of various sources listed as follows:
· An external reset
· An external falling edge on Port A
· A system interrupt
· A WDT overflow
If the system is woken up by an external reset, the de-
vice will experience a full system reset, however, if the
device is woken up by a WDT overflow, a Watchdog
Timer reset will be initiated. Although both of these
wake-up methods will initiate a reset operation, the ac-
tual source of the wake-up can be determined by exam-
ining the TO and PDF flags. The PDF flag is cleared by a
system power-up or executing the clear Watchdog
Timer instructions and is set when executing the
²HALT²
instruction. The TO flag is set if a WDT time-out occurs,
and causes a wake-up that only resets the Program
Counter and Stack Pointer, the other flags remain in
their original status.
Each pin on Port A can be setup via an individual config-
uration option to permit a negative transition on the pin
to wake-up the system. When a Port A pin wake-up oc-
curs, the program will resume execution at the instruc-
tion following the
²HALT² instruction.
If the system is woken up by an interrupt, then two possi-
ble situations may occur. The first is where the related
interrupt is disabled or the interrupt is enabled but the
stack is full, in which case the program will resume exe-
cution at the instruction following the
²HALT² instruction.
In this situation, the interrupt which woke-up the device
will not be immediately serviced, but will rather be ser-
viced later when the related interrupt is finally enabled or
when a stack level becomes free. The other situation is
where the related interrupt is enabled and the stack is
not full, in which case the regular interrupt response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com