Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R49 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R49
Description  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R49 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R49 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R49 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Cost-Effective A/D Type 8-Bit MCU
Rev. 1.30
1
June 5, 2008
General Description
The Cost-Effective A/D Type MCU Devices are a series
of 8-bit high performance RISC architecture
microcontrollers, designed especially for applications
that interface directly to analog signals, such as those
from sensors. All devices include an integrated
multi-channel Analog to Digital Converter in addition to
one or two Pulse Width Modulation outputs. The usual
Holtek MCU features such as power down and wake-up
functions, oscillator options, programmable frequency
divider, etc. combine to ensure user applications require
a minimum of external components.
The benefits of integrated A/D and PWM functions, in
addition to low power consumption, high performance,
I/O flexibility and low-cost, provide these devices with
the versatility to suit a wide range of application possibil-
ities such as sensor signal processing, motor driving, in-
dustrial control, consumer products, subsystem
controllers, etc. Many features are common to all de-
vices, however, they differ in areas such as I/O pin
count, Program Memory capacity, A/D resolution, stack
capacity and package types.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 13 to 23 bidirectional I/O lines
· External interrupt input shared with an I/O line
· 8-bit programmable Timer/Event Counter with over-
flow interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer function
· PFD for audio frequency generation
· Power down and wake-up functions to reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 4 or 6-level subroutine nesting
· 4 channels 8 or 9-bit resolution A/D converter
· 1 or 2 channel 8-bit PWM output shared with I/O lines
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset function
· Range of packaging types
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0049E Read and Write Control of the HT1380
- HA0051E Li Battery Charger Demo Board - Using the HT46R47
- HA0052E Microcontroller Application - Battery Charger
- HA0075E MCU Reset and Oscillator Circuits Application Note
- HA0083E Li Battery Charger Demo Board - Using the HT46R46


Similar Part No. - HT46R49

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R49E HOLTEK-HT46R49E Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
More results

Similar Description - HT46R49

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
Cost-Effective A/D Type 8-Bit MCU
December 28, 2004
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 13, 2005
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 24, 2006
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
Cost-Effective A/D Type 8-Bit OTP MCU
March 24, 2006
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
Cost-Effective A/D Type 8-Bit MCU
November 28, 2007
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
Cost-Effective A/D 8-Bit OTP MCU
April 11, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com