Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW303. Datasheet(PDF) 30 Page - Siemens Semiconductor Group

Part # 3RW303.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW303. Datasheet(HTML) 30 Page - Siemens Semiconductor Group

Back Button 3RW303. Datasheet HTML 26Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 27Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 28Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 29Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 30Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 31Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 32Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 33Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 34Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
1) Stand-alone assembly, without additional fan
2) Only possible in connection with control supply voltage AC/DC 24 V
Please observe the configuration notes and boundary conditions on page 14 and 15!
Rated
Rated
Rated power of three-phase
Rated
Rated power of three-phase
Order No.
operating
operating motors with rated operating
operating
motors with rated operating
voltage
current
voltage
current
voltage
Ue
Ie
Ue
Ie
Ue
230 V
400 V
500 V
200 V
230 V
460 V
575 V
VA 1)
kW
kW
kW
A 1)
hp
hp
hp
hp
SIRIUS 3RW40 for normal starting (CLASS 10)
200 ... 480
12.5
3
5.5
–11
3
3
7.5
–
3RW40 24-PPBP4
25
5.5
11
–23
5
5
15
–
3RW40 26-PPBP4
32
7.5
15
–
29
7.5
7.5
20
–
3RW40 27-PPBP4
38
11
18.5
–34
10
10
25
–
3RW40 28-PPBP4
45
11
22
–42
10
15
30
–
3RW40 36-PPBP4
63
18.5
30
–58
15
20
40
–
3RW40 37-PPBP4
72
22
37
–62
20
20
40
–
3RW40 38-PPBP4
80
22
45
–73
20
25
50
–
3RW40 46-PPBP4
106
30
55
–98
25
30
75
–
3RW40 47-PPBP4
400 ... 600
12.5
–
5.5
7.5
11
–
–
7.5
10
3RW40 24-PPBP5
25
–
11
15
23
–
–
15
20
3RW40 26-PPBP5
32
–
15
18.5
29
–
–
20
25
3RW40 27-PPBP5
38
–
18.5
22
34
–
–
25
30
3RW40 28-PPBP5
45
–
22
30
42
–
–
30
40
3RW40 36-PPBP5
63
–
30
37
58
–
–
40
50
3RW40 37-PPBP5
72
–
37
45
62
–
–
40
60
3RW40 38-PPBP5
80
–
45
55
73
–
–
50
60
3RW40 46-PPBP5
106
–
55
75
98
–
–
75
75
3RW40 47-PPBP5
Order No. supplement for connection type
Screw-type terminals
1
Spring-loaded terminals
2
Order No. supplement for thermistor motor protection
Standard function
B
Integrated thermistor motor protection 2)
T
Order No. supplement for rated control supply voltage Us
AC/DC 24 V
0
AC/DC 110 … 230 V
1
230 V
400 V
500 V
200 V
230 V
460 V
575 V
V
A
kW
kW
kW
A
hp
hp
hp
hp
200 ... 460
134
37
75
–
117
30
40
75
–
3RW40 55-PBBP4
162
45
90
–
145
40
50
100
–
3RW40 56-PBBP4
230
75
132
–
205
60
75
150
–
3RW40 73-PBBP4
280
90
160
–
248
75
100
200
–
3RW40 74-PBBP4
356
110
200
–
315
100
125
250
–
3RW40 75-PBBP4
432
132
250
–
385
125
150
300
–
3RW40 76-PBBP4
400 ... 600
134
–
75
90
117
–
–
75
100
3RW40 55-PBBP5
162
–
90
110
145
–
–
100
150
3RW40 56-PBBP5
230
–
132
160
205
–
–
150
200
3RW40 73-PBBP5
280
–
160
200
248
–
–
200
250
3RW40 74-PBBP5
356
–
200
250
315
–
–
250
300
3RW40 75-PBBP5
432
–
250
315
385
–
–
300
400
3RW40 76-PBBP5
Order No. supplement for connection type
Spring-loaded terminals
2
Screw-type terminals
6
Order No. supplement for rated control supply voltage Us
AC 115 V
3
AC 230 V
4
6
Ambient temperature 40 °C
Ambient temperature 50 °C
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com