Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW303. Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part # 3RW303.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW303. Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button 3RW303. Datasheet HTML 10Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 11Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 12Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 13Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 14Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 15Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 16Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 17Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Soft Starters for High-Feature
Applications
SIRIUS 3RW44 in Detail
Equipped with maximum functionality, the all-round talent SIRIUS 3RW44 even masters difficult start-up
and stopping processes in a soft manner. Thanks to innovative torque control, it can be employed for drives
up to a power rating of 710 kW (with 400 V) in standard circuit or up to 1200 kW in inside-delta circuit. The
functionality designed for ease of operation facilitates optimum operating comfort.
What are the benefits of the SIRIUS
3RW44?
Thanks to its particularly compact
design, which is a characteristic of the
entire range of SIRIUS soft starters, the
SIRIUS 3RW44 is the ideal solution when
space-saving and transparent control
cabinet arrangements are required. For
optimized motor start-up and stopping,
the innovative SIRIUS 3RW44 offers an
attractive and efficient alternative to
frequency converters. The new torque
control and a settable current limiting
allow for the use of our high-feature
soft starters in almost any application.
The SIRIUS 3RW44 guarantees reliable
prevention of torque surges and current
peaks during motor starting and stopping.
This reduces costs both for switchboard
dimensioning as well as machinery
maintenance.
Whether for standard (in-line) or inside-
delta circuits – the SIRIUS 3RW44 offers
saving potentials, particularly in terms of
size and device costs.
14
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com