Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW303. Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # 3RW303.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW303. Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button 3RW303. Datasheet HTML 9Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 10Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 11Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 12Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 13Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 14Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 15Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 16Page - Siemens Semiconductor Group 3RW303. Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
How is the SIRIUS 3RW40 set?
Like with the SIRIUS 3RW30, the starting
voltage, ramp-up and ramp-down time of
the voltage ramp, as well as the current
limiting, can be comfortably set via finely
adjustable rotary potentiometers. The
nominal motor current, tripclass and
reset of the motor overload function are
adjusted via potentiometers and buttons,
as is familiar from the SIRIUS overload
relays.
What are its outstanding characteristics?
The SIRIUS 3RW40 comes with the new
patented control principle “polarity
balancing” for the avoidance of DC
components in two-phase-controlled
soft starters. With two-phase-controlled
soft starters, the current resulting from
the overlapping of the two controlled
phases flows in the uncontrolled phase.
For physical reasons, this results in an
asymmetric distribution of the three
phase currents during the motor’s start-
up process. Even though this distribution
cannot be influenced, it is uncritical in
most applications. However, besides this
asymmetry, the power semiconductors’
control during the two controlled phases
also produces the above-mentioned DC
components, which may lead to a loud
motor noise with starting voltages lower
than 50%. “Polarity balancing” reliably
eliminates these DC components during
the start-up phase. It generates an even
motor start-up in terms of speed, torque
and current rise. The acoustic quality
of the start-up process almost reaches
the quality of a three-phase-controlled
start-up. This is made possible by the
continuous dynamic alignment and
Is thermistor motor protection
available
Device versions with thermistor motor
protection evaluation are available up
to a rating of 55 kW (with 400 V). A
“Thermoclick” measuring sensor or PTC
(type A) can be directly connected. In
addition to thermal motor overload, wire
breakage and short circuit in the sensor
circuit effect a disconnection of the soft
starter.
What about reset options?
After the soft starter has tripped,
various reset options are available, like
for intrinsic device and motor overload
protection: manual or via the reset
button, automatic or (up to 55 kW)
remotely via short-term control voltage
interruption.
Is replacement easy?
Yes, also the 3RW40 is equipped with
removable control terminals. The
wiring on the terminal thus remains
intact (“permanent wiring”) in case of
replacement and the terminals are simply
snapped onto the new 3RW40, which
saves a considerable amount of time.
How about accessories?
We offer a comprehensive range of
accessories for our soft starters, e.g.
box terminal blocks, accessories for
mechanical reset and a module for
remote reset (for ratings > 75 kW) as well
as a sealing cover and easy-to-mount
terminal covers for optimum touch
protection.
Furthermore, snap-on fans are available
for the devices up to 55 kW which
facilitate mounting of the SIRIUS 3RW40
in almost any installation position
and support higher switching duties.
In addition, connection modules for
electrical and mechanical connections
between circuit breaker and soft starter
as well as labeling strips from the SIRIUS
range are available.
balancing of current half-waves with
different polarity during the motor
start-up.
Does the SIRIUS 3RW40 feature
additional protective functions?
The SIRIUS 3RW40 is equipped with
optimum functionality as standard.
An integrated bypass contact system
reduces the soft starter’s heat loss during
operation. This reliably prevents heating
of the switching device‘s environment.
The integrated motor overload protection
in accordance with IEC 60 947-4-2 makes
an additional overload relay unnecessary,
to save space in the control cabinet and
reduce the wiring costs in the feeder. The
overload tripclass can be variably set via a
4-level rotary potentiometer. In addition,
intrinsic device protection prevents
the thyristors’ thermally overloading
and resulting defects of the power
components. Optionally, the thyristors can
also be protected against short circuit with
SITOR semiconductor fuses. Also inrush
current peaks are reliably eliminated,
thanks to settable current limiting.
Does the SIRIUS 3RW40 offer
diagnostics options?
Yes, thanks to integrated status and fault
monitoring. LEDs provide information on
the operating state as well as possible
faults, e.g. impermissible release time
(CLASS setting), mains or phase failure,
missing load, thermal overload or device
fault. The two integrated output relays
also indicate the operating state and fault
signals.
13
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com