Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW304. Datasheet(PDF) 35 Page - Siemens Semiconductor Group

Part # 3RW304.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW304. Datasheet(HTML) 35 Page - Siemens Semiconductor Group

Back Button 3RW304. Datasheet HTML 31Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 32Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 33Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 34Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 35Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 36Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 37Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 38Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 39Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Please observe the configuration notes and boundary conditions on page 14 and 15!
Rated
Rated
Rated power of three-phase
Rated
Rated power of three-phase
Order No.
operating
operating motors with rated operating
operating motors with rated operating
voltage
current
voltage
current
voltage
Ue
Ie
Ue
Ie
Ue
230 V
400 V
500 V
690 V
200 V
230 V
460 V
575 V
VA
kW
kW
kW
kW
A
hp
hp
hp
hp
SIRIUS 3RW44 for normal starting (CLASS 10) in inside-delta circuit
11
200 ... 460
50
15
22
–
–
45
10
15
30
–
3RW44 22-PBCP4
62
18.5
30
–
–
55
15
20
40
–
3RW44 23-PBCP4
81
22
45
–
–
73
20
25
50
–
3RW44 24-PBCP4
99
30
55
–
–
88
25
30
60
–
3RW44 25-PBCP4
133
37
75
–
–
118
30
40
75
–
3RW44 26-PBCP4
161
45
90
–
–
142
40
50
100
–
3RW44 27-PBCP4
400 ... 600
50
–
22
30
–45
–
–
30
40
3RW44 22-PBCP5
62
–
30
37
–55
–
–
40
50
3RW44 23-PBCP5
81
–
45
45
–73
–
–
50
60
3RW44 24-PBCP5
99
–
55
55
–88
–
–
60
75
3RW44 25-PBCP5
133
–
75
90
–
118
–
–
75
100
3RW44 26-PBCP5
161
–
90
110
–
142
–
–
100
125
3RW44 27-PBCP5
Order No. supplement for connection type
Screw-type terminals
1
Spring-loaded terminals
3
200 ... 460
196
55
110
–
–
173
50
60
125
–
3RW44 34-PBCP4
232
75
132
–
–
203
60
75
150
–
3RW44 35-PBCP4
281
90
160
–
–
251
75
100
200
–
3RW44 36-PBCP4
352
110
200
–
–
312
100
125
250
–
3RW44 43-PBCP4
433
132
250
–
–
372
125
150
300
–
3RW44 44-PBCP4
542
160
315
–
–
485
150
200
400
–
3RW44 45-PBCP4
617
200
355
–
–
546
150
200
450
–
3RW44 46-PBCP4
748
250
400
–
–
667
200
250
600
–
3RW44 47-PBCP4
954
315
560
–
–
856
300
350
750
–
3RW44 53-PBCP4
1065
355
630
–
–
954
350
400
850
–
3RW44 54-PBCP4
1200
400
710
–
–
1065
350
450
950
–
3RW44 55-PBCP4
1351
450
800
–
–
1200
450
500
1050
–
3RW44 56-PBCP4
1524
500
900
–
–
1351
450
600
1200
–
3RW44 57-PBCP4
1680
560
1000
–
–
1472
550
650
1300
–
3RW44 58-PBCP4
1864
630
1100
–
–
1680
650
750
1500
–
3RW44 65-PBCP4
2103
710
1200
–
–
1864
700
850
1700
–
3RW44 66-PBCP4
400 ... 600
196
–
110
132
–
173
–
–
125
150
3RW44 34-PBCP5
232
–
132
160
–
203
–
–
150
200
3RW44 35-PBCP5
281
–
160
200
–
251
–
–
200
250
3RW44 36-PBCP5
352
–
200
250
–
312
–
–
250
300
3RW44 43-PBCP5
433
–
250
315
–
372
–
–
300
350
3RW44 44-PBCP5
542
–
315
355
–
485
–
–
400
500
3RW44 45-PBCP5
617
–
355
450
–
546
–
–
450
600
3RW44 46-PBCP5
748
–
400
500
–
667
–
–
600
750
3RW44 47-PBCP5
954
–
560
630
–
856
–
–
750
950
3RW44 53-PBCP5
1065
–
630
710
–
954
–
–
850
1050
3RW44 54-PBCP5
1200
–
710
800
–
1065
–
–
950
1200
3RW44 55-PBCP5
1351
–
800
900
–
1200
–
–
1050
1350
3RW44 56-PBCP5
1524
–
900
1000
–
1351
–
–
1200
1500
3RW44 57-PBCP5
1680
–
1000
1200
–
1472
–
–
1300
1650
3RW44 58-PBCP5
1864
–
1100
1350
–
1680
–
–
1500
1900
3RW44 65-PBCP5
2103
–
1200
1500
–
1864
–
–
1700
2100
3RW44 66-PBCP5
Order No. supplement for connection type
Spring-loaded terminals
2
Screw-type terminals
6
Order No. supplement for rated control supply voltage Us
AC 115 V
3
AC 230 V
4
Ambient temperature 40 °C
Ambient temperature 50 °C
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com