Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW304. Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # 3RW304.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW304. Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button 3RW304. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 9Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 10Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 11Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 12Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 13Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 14Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 15Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
High Functionality for Minimum Costs
SIRIUS 3RW40 in Detail
The SIRIUS 3RW40 is the top star among all standard soft starters! Thanks to its innovative control
principle, it is not only the world’s only two-phase-controlled soft starter in the power range from
5.5 kW (with 400 V) to 250 kW (with 400 V), but is also the smallest available solution thanks to its
particularly compact design. It facilitates space-saving and transparent control cabinet arrangements
and is thus more than a supplement of our two-phase-controlled SIRIUS 3RW30 soft starter range.
What are the benefits of the SIRIUS
3RW40?
The SIRIUS 3RW40 soft starter is
seamlessly integrated in our SIRIUS
portfolio for the control cabinet. As you
might already know from experience
with other SIRIUS devices, you will thus
benefit from identical sizes and uniform
connection systems. Regarding size: the
particularly compact design of the SIRIUS
3RW40 is at most half as big as that of a
comparable wye-delta* starter, making
space wastage in the control cabinet a
thing of the past. Also configuration and
mounting are realized rapidly and easily
thanks to 3-conductor connection.
What are the differences compared to
the SIRIUS 3RW30?
In general, the SIRIUS 3RW40 offers
all the advantages of the 3RW30.
In addition, it offers intrinsic device
protection and integrated motor
protection functions. Just test it and
you will be convinced.
* star-delta
12
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com