Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW304. Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # 3RW304.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW304. Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button 3RW304. Datasheet HTML 2Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 3Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 4Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 5Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 6Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 7Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 9Page - Siemens Semiconductor Group 3RW304. Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
How are the parameters of a soft
starter set?
With our standard soft starters, the
ramp-up time, starting voltage and
ramp-down time can be comfortably set
via potentiometers. The values can be
adjusted particularly finely within the
usual setting ranges. For soft starters
with motor overload protection, this also
applies to the nominal motor current, the
selection of the tripping class and the
settable current limiting.
The multiple functions of our high-
feature soft starters are set rapidly and
comfortably via the integrated keypad
with menu-prompted graphical display.
Also commissioning and diagnostics are
realized via this keypad.
Why is torque control the better
solution?
Current and voltage fluctuations upon
start-up are problems frequently
encountered by operators of power supply
systems. Your machines are then stressed
by abrupt torque fluctuations. The soft
torque control of our high-feature soft
starters minimizes the maintenance
expenditures for your machines.
How about motor overload protection?
No problem: Our soft starters come with
integrated motor overload protection
for many applications. This does away
with additional wiring costs and even
protects the soft starter against overload.
For all other cases, you can utilize the
advantages of our further SIRIUS devices
for the control cabinet by employing our
circuit breakers or overload relays. All
components are perfectly matched.
Different starter types in comparison: Direct start, wye-delta* start and soft start
Torque control prevents abrupt fluctuations
Technology in Detail
The Soft Principle
DOL: Direct start
: Wye-delta* start
3RW: Soft start
UM:
Motor voltage
IM:
Motor current
MM: Motor torque
t:
Time
tR:
Ramp time
n:
Speed
N:
Rated values
UM
DOL
3RW
t
MM
MDOL
M
M3RW
MN
IM
n
IDOL
I
I3RW
IN
n
MM
MDOL
1 M3RW
with voltage ramp
2 M3RW
with torque control
3 ML
Load (e.g. pump)
tR
n
* star-delta
6
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com