Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28520R Datasheet(PDF) 1 Page - Pro-Signal

Part # 28520R
Description  Auto Scart Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

28520R Datasheet(HTML) 1 Page - Pro-Signal

  28520R Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
Scart Switch
868-1368
Scart with RGB
129-3459
Auto Scart Switches
383555.343826
Ì Simplifies complicated cabling between AV and TV/Display equipment
Ì TV/Monitor Scart can be used as signal input and output
Ì Additional phono outputs for connecting to additional TV, display or Hi-Fi system
Ì RGB input and output (1293459 only)
A totally automatic signal controller that connects and switches between up to 4 Scart-
equipped devices - sensing the play or operating mode of a particular device.
Ì Ideal for use with TV, DVD, VCR, camcorder, satellite receiver, home cinema ir Hi-Fi
system
Ì AV link switch allows viewing of programmes whilst recording from satellite or cam-
corder
Ì Indicator LEDs show recording mode
Ì Silver gunmetal finish to complement home AV equipment
W=180, H=45, D=160mm


Similar Part No. - 28520R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2852 KR-2852 Datasheet
48Kb / 2P
250 KHz elliptic type lowass filter
logo
Christian Bürkert GmbH ...
2852 BURKERT-2852 Datasheet
814Kb / 10P
2-way proportional valve with pressure relief
20.02.2024
logo
Adafruit Industries
2852 ADAFRUIT-2852 Datasheet
90Kb / 2P
NeoPixel Ring - 12 x 5050 RGBW LEDs w/ Integrated Drivers - Natural White - ~4500K
logo
Wiha Tools
2852 WIHA-2852 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
2852 S10 WIHA-2852 S10 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
More results

Similar Description - 28520R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA3827 PHILIPS-TDA3827 Datasheet
121Kb / 12P
TV-sound demodulator circuit with SCART switches and AF control
March 1991
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
AV SCART Switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
AV SCART switch
logo
Maxim Integrated Produc...
MAX9655 MAXIM-MAX9655 Datasheet
290Kb / 17P
Low-Power Video Switches for Dual SCART Connectors
Rev 2; 11/08
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
logo
Kycon, Inc.
K-SCARTX-028A KYCON-K-SCARTX-028A Datasheet
37Kb / 1P
SCart socket, Dual part
7/6/05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com