Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7719
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7719 Datasheet HTML 9Page - STMicroelectronics TDA7719 Datasheet HTML 10Page - STMicroelectronics TDA7719 Datasheet HTML 11Page - STMicroelectronics TDA7719 Datasheet HTML 12Page - STMicroelectronics TDA7719 Datasheet HTML 13Page - STMicroelectronics TDA7719 Datasheet HTML 14Page - STMicroelectronics TDA7719 Datasheet HTML 15Page - STMicroelectronics TDA7719 Datasheet HTML 16Page - STMicroelectronics TDA7719 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TDA7719
Description
13/45
4
Description
4.1
Input stages
The input stage (Main source and 2nd source) is configurable to adapt to different
application. There are 7 different configurations which provide different input structure and
different number of input sources as shown below.
●
4 x QD,
●
2 x QD + 3 x SE,
●
1 x QD + 5 x SE,
●
1 x QD + 3 x SE + 2 x MD,
●
3 x QD + 1 x FD,
●
3 x QD + 2 x SE,
●
1 x QD + 2 x SE + 1 x FD + 1 x MD,
●
1 x QD + 3 x SE + 1 x FD
Note:
QD = Quasi-Differential, SE = Single-ended input, FD = Full Differential, MD = mono
Differential
The configuration of the input stage is controlled by ‘Input Configuration’ bits in I2C control
table (Byte0 Bit5~Bit7). The table blow shows the configuration of input pins in different
configurations.
Table 6.
Input pin configuration
Pin
Pin name
Configuration bits (Byte0 Bit7~Bit5)
"000"
"001"
"010"
"011"
"100"
"101"
"110"
"111"
CFG0
CFG1
CFG2
CFG3
CFG4
CFG5
CFG6
CFG7
1
QD1L_SE1L
_MD3+
QD1L
IN0
SE1L
IN0
SE1L
IN0
SE1L
IN0
QD1L
IN0
QD1L
IN0
MD3+
IN7
SE1L
IN0
2
QD1R_SE1R
_MD3-
QD1R
SE1R
SE1R
SE1R
QD1R
QD1R
MD3-
SE1R
3
QD1G_SE2L
QD1G
SE2L
IN4
SE2L
IN4
SE2L
IN4
QD1G
QD1G
SE2L
IN4
SE2L
IN4
4
QD2G_SE2R
QD2G
IN1
SE2R
SE2R
SE2R
QD2G
IN1
QD2G
IN1
SE2R
SE2R
5
QD2L_SE3L
QD2L
SE3L
IN1
SE3L
IN1
SE3L
IN1
QD2L
QD2L
SE3L
IN1
SE3L
IN1
6
QD2R_SE3R
QD2R
SE3R
SE3R
SE3R
QD2R
QD2R
SE3R
SE3R
7
QD3L
QD3L
IN2
QD3L
IN2
QD3L
IN2
QD3L
IN2
QD3L
IN2
QD3L
IN2
QD3L
IN2
QD3L
IN2
8
QD3G
QD3G
QD3G
QD3G
QD3G
QD3G
QD3G
QD3G
QD3G
9
QD3R
QD3R
QD3R
QD3R
QD3R
QD3R
QD3R
QD3R
QD3R
10
QD4L_FD4+
_SE4L_MD1+
QD4L
IN3
QD4L
IN3
SE4L
IN5
MD1+
IN3
FD4L+
IN3
SE4L
IN5
FD4L+
IN3
FD4L+
IN3
11
QD4G_FD4L
_SE4R_MD1-
QD4G
QD4G
SE4R
MD1-
FD4L-
SE4R
FD4L-
FD4L-
12
QD4G_FD4R_S
E5L_MD2-
QD4G
QD4G
SE5L
IN6
MD2-
IN3
FD4R-
SE5L
IN6
FD4R-
FD4R-
13
QD4R_FD4R+_
SE5R_MD2+
QD4R
QD4R
SE5R
MD2+
FD4R
+
SE5R
FD4R+
FD4R+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com