Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7719
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7719 Datasheet HTML 24Page - STMicroelectronics TDA7719 Datasheet HTML 25Page - STMicroelectronics TDA7719 Datasheet HTML 26Page - STMicroelectronics TDA7719 Datasheet HTML 27Page - STMicroelectronics TDA7719 Datasheet HTML 28Page - STMicroelectronics TDA7719 Datasheet HTML 29Page - STMicroelectronics TDA7719 Datasheet HTML 30Page - STMicroelectronics TDA7719 Datasheet HTML 31Page - STMicroelectronics TDA7719 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
I2C Bus specification
TDA7719
28/45
5
I2C Bus specification
5.1
Interface protocol
The interface protocol comprises:
a start condition (S)
a chip address byte (the LSB determines read/write transmission)
a subaddress byte
a sequence of data (N-bytes + acknowledge)
a stop condition (P)
the max. clock speed is 500kbits/s
3.3V logic compatible
5.1.1
Receive mode
S = Start
R/W =
"0" -> Receive Mode (Chip can be programmed by µP)
"1" -> Transmission Mode (Data could be received by µP)
ACK = Acknowledge
P = Stop
TS = Testing mode
AI = Auto increment
5.1.2
Transmission mode
SM = Soft mute activated for main channel
BZ = Softstep Busy (‘0’ = Busy)
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated
without new chip address.
5.1.3
Reset condition
A Power-On-Reset is invoked if the supply voltage is below than 3.5V. After that the registers
are initialized to the default data written in following tables.
S
1 0
0010
0
R/W
ACK
TS
X
AI
A4
A3
A2
A1
A0
ACK
DATA
ACK
P
S
1
0
0
0
1
0
0
R/W
ACK
X
X
X
X
X
X
BZ
SM
ACK
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com