Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7719 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7719
Description  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7719 Datasheet HTML 21Page - STMicroelectronics TDA7719 Datasheet HTML 22Page - STMicroelectronics TDA7719 Datasheet HTML 23Page - STMicroelectronics TDA7719 Datasheet HTML 24Page - STMicroelectronics TDA7719 Datasheet HTML 25Page - STMicroelectronics TDA7719 Datasheet HTML 26Page - STMicroelectronics TDA7719 Datasheet HTML 27Page - STMicroelectronics TDA7719 Datasheet HTML 28Page - STMicroelectronics TDA7719 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
TDA7719
Description
25/45
4.11
DC offset detector and level meter option
This device provide DC offset detector function and level meter function option. In one
specific application, only one of the function can be used. The configuration of the function
is controlled by I2C bus (Byte3 Bit7).
When the device uses DC offset detector function, Pin22, Pin27 and Pin28 are used as
WinTC, DCErr and WinIN for DC offset detector. When it is configured as level meter, DCErr
becomes level meter output. In the mean time, WinIN is used as beep input (Mono single-
ended input for mixing), and WinTC becomes a reference voltage output (4V external DC
voltage or 3.3V internal reference voltage).
Caution:
DC offset detector and level meter / Vref output / Beep / (mono single sided input) can not
be used at the same time.
4.12
DC offset detector
Using the DC offset detection circuit (Figure 19) an offset voltage difference between the
audio power amplifier and the APR's Front and Rear outputs can be detected, preventing
serious damage to the loudspeakers. The circuit compares whether the signal crosses the
zero level inside the audio power at the same time as in the speaker cell. The output of the
zero-window-comparator of the power amplifier must be connected with the WinIn-input of
the APR. The WinIn-input has an internal pull-up resistor connected to 5.5Volts. It is
recommended to drive this pin with open-collector outputs only.
To compensate for errors at low frequencies the WinTC-pin are implemented, with external
capacitors introducing the same delay
τ = 7.5kΩ * C
ext as the AC-coupling between the APR
and the power amplifier introduces. For the zero window comparators, the time constant for
spike rejection as well as the threshold are programmable.
For electrical characteristics see Chapter 3 on page 9.
A low-active DC-offset error signal appears at the DCErr output if the next conditions are
both true:
a)
Front and rear outputs are inside zero crossing windows.
b)
The Input voltage VWinIn is logic low whenever at least one output of the power
amplifier is outside the zero crossing windows.
After power-on, the external attached capacitor is rapidly charged (fast-charge) to overcome
a false indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com