Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS300
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 4 Page - Microchip Technology

  HCS300 Datasheet HTML 1Page - Microchip Technology HCS300 Datasheet HTML 2Page - Microchip Technology HCS300 Datasheet HTML 3Page - Microchip Technology HCS300 Datasheet HTML 4Page - Microchip Technology HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AN665
DS00665A-page 4
ã 1997 Microchip Technology Inc.
Keyboard Transmission
The keyboard pulls the data line low (start bit) and
starts the clock. The eight data bits (least significant bit
first) are shifted out, followed by the parity (odd), and
stop bit (high). Data is valid after the falling edge of the
clock and changes after the rising edge of the clock. If
no data is transmitted, both the clock line and data line
are high. If the computer pulls the clock line low for at
least 60
ms before the tenth bit is transmitted, the key-
board stops the transmission and stores the aborted
data in a buffer for retransmission at a later time.
Keyboard Receiving
The computer pulls the data line low (start bit), after
which the keyboard starts to shift out 11 clock pulses
within 15 ms. Transmission has to be completed within
2 ms. Data from the computer changes after the falling
edge of the clock line, and is valid before the rising
edge of the clock. After the start bit, eight data bits
(least significant bit first), followed by the parity bit
(odd), and the stop bit (high) are shifted out by the com-
puter with the clock signal provided by the keyboard.
The keyboard pulls the stop bit low in order to acknowl-
edge the receipt of the data. If a transmission error
occurs (parity error or similar) the keyboard issues a
“RESEND” command to the PC.
Key Pressure Release Encoding
Key pressure is communicated to the PC by sending a
scan code. Table 1 lists the scan codes corresponding
to keys ‘0’…’F’. Release is communicated by sending
the break code (0F0), followed by the previous scan
code.
TABLE 1:
SCAN CODES
Codes
Key
45
‘0’
16
‘1’
1E
‘2’
26
‘3’
25
‘4’
2E
‘5’
36
‘6’
3D
‘7’
3E
‘8’
46
‘9’
1C
‘A’
32
‘B’
21
‘C’
23
‘D’
24
‘E’
2B
‘F’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com