Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS300
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 3Page - Microchip Technology HCS300 Datasheet HTML 4Page - Microchip Technology HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology HCS300 Datasheet HTML 10Page - Microchip Technology HCS300 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ã 1997 Microchip Technology Inc.
DS00665A-page 7
AN665
APPENDIX A: HOPPASW.LST
MPASM 01.40 Released
HOPPASW.ASM
2-20-1997
16:45:24
PAGE
1
LOC
OBJECT CODE
LINE SOURCE TEXT
VALUE
00001
LIST
n=0, c=132
00002
PROCESSOR
PIC12C508
00003
RADIX
HEX
00004
00005 ;* filename: HOPPASW.ASM
00006 ;**********************************************************************
00007 ;*
Author:
Lucio Di Jasio
00008 ;*
Company:
Microchip Technology
00009 ;*
Revision:
RevA0
00010 ;*
Date:
4-sept-96
00011 ;*
Assembled using:
MPASM rev. 1.40
00012 ;**********************************************************************
00013 ;*
include files:
00014 ;*
p12C508.inc
00015 ;*
00016 ;**********************************************************************
00017 ;*
HCS300 to keyboard interface, for hopping password generation
00018 ;*
00019 ;*
/
/
00020 ;*
HCS300
|5V
|5V
00021 ;*
+-------+ |
| +--------+
00022 ;* Key1-+S1
+-+
+-+Vdd
+-----GND
00023 ;* Key2-+S2
LED+---------------------+LED
+-----PCCLK
00024 ;* Key3-+S3
PWM+---------------------+HCSIN
+-----DATA
00025 ;* Key4-+S4
+-+
-+nc
+-----SWITCH
00026 ;*
+-------+ |
+--------+
00027 ;*
|
00028 ;*
VGnd
00029 ;*
00030 ;**********************************************************************
00031
00032
INCLUDE Ò\pic\include\p12c508.incÓ
00001
LIST
00002 ; P12C508.INC Standard Header File, Vers 1.01 Microchip Technology. Inc.
00103
LIST
00033
0FFF 0FEA
00034
__CONFIG _IntRC_OSC & _MCLRE_OFF & _CP_OFF & _WDT_OFF
01FF 0000 0003 0001 00035
__IDLOCS HÕ0312Õ
0002
00036
00037 ;**********************************************************************
00038 ;* internal 4MHz clock
00039 ;* internal reset
00040 ;* no code protect (?)
00041 ;* no watchdog
00042 ;* ID code is Ò0312Ó
00043 ;**********************************************************************
00044
00045 ;
00046 ; pin description
00047 ;
00048 #define LED
GPIO,5
; Led from HCS300
Please check the Microchip Worldwide Web at www.microchip.com for the latest version of the source code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com