Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS300
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 9Page - Microchip Technology HCS300 Datasheet HTML 10Page - Microchip Technology HCS300 Datasheet HTML 11Page - Microchip Technology HCS300 Datasheet HTML 12Page - Microchip Technology HCS300 Datasheet HTML 13Page - Microchip Technology HCS300 Datasheet HTML 14Page - Microchip Technology HCS300 Datasheet HTML 15Page - Microchip Technology HCS300 Datasheet HTML 16Page - Microchip Technology HCS300 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ã 1997 Microchip Technology Inc.
DS00665A-page 13
AN665
0091 091B
00379
call
WaitWx750
; wait 750us
0092 0215
00380
movf
KEY,W
0093 0937
00381
call
SendKEY
00382
0094 091A
00383
call
Wait10ms
00384
0095 0380
00385
swapf
INDF,W
; high nibble
0096 0E0F
00386
andlw
0F
0097 0902
00387
call
ScanCode
; encode hex nibble
0098 0035
00388
movwf
KEY
0099 0937
00389
call
SendKEY
; emulate key press
009A 091A
00390
call
Wait10ms
009B 0CF0
00391
movlw
BREAK
; emulate key release
009C 0937
00392
call
SendKEY
009D 0C01
00393
movlw
1
009E 091B
00394
call
WaitWx750
; wait 750us
009F 0215
00395
movf
KEY,W
00A0 0937
00396
call
SendKEY
00397
00A1 091A
00398
call
Wait10ms
00399
00A2 02A4
00400
incf
FSR,F
; next byte
00A3 02F0
00401
decfsz
BYTECOUNT,F
00A4 0A88
00402
goto
KEYL
00403
00404 ;----------------------------------------------------------------------
00405 ; now wait for the HCS to stop transmisssion (button release)
00406 ;
00A5
00407 Release
00A5 07A6
00408
btfss
LED
; wait Led rise
00A6 0AA5
00409
goto
Release
00A7 0A7A
00410
goto
Main
00411
00412
END
MPASM 01.40 Released
HOPPASW.ASM
2-20-1997
16:45:24
PAGE
2
MEMORY USAGE MAP (ÔXÕ = Used,
Ô-Õ = Unused)
0000 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0040 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX
0080 : XXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXX XXXXXXXX-------- ----------------
01C0 : ---------------- ---------------- ---------------- ---------------X
0200 : XXX------------- ---------------- ---------------- ----------------
0FC0 : ---------------- ---------------- ---------------- ---------------X
All other memory blocks unused.
Program Memory Words Used:
168
Program Memory Words Free:
343
Errors
:
0
Warnings :
0 reported,
0 suppressed
Messages :
0 reported,
0 suppressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com