Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8951L Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
11
DIGITAL AUDIO INTERFACE – SLAVE MODE
Figure 5 Slave Mode Connection
Figure 6 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD1, AVDD2, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
ADCLRC set-up time to
BCLK rising edge
tLRSU
10
ns
ADCLRC hold time from
BCLK rising edge
tLRH
10
ns
ADCDAT propagation delay
from BCLK falling edge
tDD
0
15
ns
BCLK
ADCDAT
ADCLRC
WM8951
ADC
DSP
ENCODER/
DECODER
BCLK
ADCLRC
t
BCH
t
BCL
t
BCY
ADCDAT
t
LRSU
t
LRH
t
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com