Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8951L Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
19
The use of multi-bit feedback and high oversampling rates reduces the effects of jitter and high
frequency noise.
The ADC Full Scale input is 1.0V rms at AVDD = 3.3 volts. Any voltage greater than full scale will
overload the ADC and cause distortion. Note that the full scale input tracks directly with AVDD1/2.
The device employs a pair of ADCs. The input can be selected from either the Line Inputs or the
Microphone input under software control. The two channels cannot be selected independently. The
control is shown in Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000100
Analogue
Audio Path
Control
2
INSEL
0
Microphone/Line Input Select to ADC
1 = Microphone Input Select to ADC
0 = Line Input Select to ADC
Table 4 ADC Software Control
The digital data from the ADC is fed for signal processing to the ADC Filters.
ADC FILTERS
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface. Figure 15
illustrates the digital filter path.
FROM ADC
DIGITAL
HPF
DIGITAL
DECIMATION
FILTER
TO DIGITAL
AUDIO
INTERFACE
DIGITAL
DECIMATOR
HPFEN
Figure 15 ADC Digital Filter
The ADC digital filters contain a digital high pass filter, selectable via software control. The high-pass
filter response detailed in Digital Filter Characteristics. When the high-pass filter is enabled the dc
offset is continuously calculated and subtracted from the input signal. By setting HPOR the last
calculated dc offset value is stored when the high-pass filter is disabled and will continue to be
subtracted from the input signal. If the dc offset changes, the stored and subtracted value will not
change unless the high-pass filter is enabled. The software control is shown in Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ADCHPD
0
ADC High Pass Filter Enable
(Digital)
1 = Disable High Pass Filter
0 = Enable High Pass Filter
0000101
Digital Audio
Path Control
4
HPOR
0
Store dc offset when High Pass
Filter disabled
1 = store offset
0 = clear offset
Table 5 ADC Software Control
There are several types of ADC filters, frequency and phase responses of these are shown in Digital
Filter Characteristics. The filter types are automatically configured depending on the sample rate
chosen. Refer to the sample rate section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com