Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8951L Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8951L
Description  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Production Data
WM8951
w
PD Rev 4.1 December 2007
33
OSCPD: Powers off the on board crystal oscillator. The MCLK input will function independently of the
Oscillator being powered down.
CLKOUTPD: Powers down the CLOCKOUT pin. This conserves power, reduces digital noise and RF
emissions if not required. CLKOUT is tied low when powered down.
The device can be put into a standby mode (STANDBY) by powering down all the audio circuitry
under software control as shown in Table 21. If the crystal oscillator and/or CLOKOUT pins are being
used to derive the system master clock, these should probably never be powered off in standby.
Provision has been made to independently power off these areas according to Table 21.
DESCRIPTION
0
0
0
1
1
1
STANDBY, but with Crystal Oscillator OS
and CLKOUT available
0
1
0
1
1
1
STANDBY, but with Crystal Oscillator OS
available, CLKOUT not-available
0
1
1
1
1
1
STANDBY, Crystal oscillator and CLKOUT
not-available.
Table 21 Standby Mode
In STANDBY mode the Control Interface, a small portion of the digital and areas of the analogue
circuitry remain active. The active analogue includes the analogue VMID reference so that the
analogue line inputs remain biased to VMID. This reduces any audible effects caused by DC glitches
when entering or leaving STANDBY mode.
The device can be powered off by writing to the POWEROFF bit of the Power Down register. In
POWEROFF mode the Control Interface and a small portion of the digital remain active. The
analogue VMID reference is disabled. As in STANDBY mode the crystal oscillator and/or CLKOUT
pin can be independently controlled. Refer to Table 22.
DESCRIPTION
1
0
0
X
X
X
POWEROFF, but with Crystal Oscillator OS and
CLKOUT available
1
1
0
X
X
X
POWEROFF, but with Crystal Oscillator OS
available, CLKOUT not-available
1
1
1
X
X
X
POWEROFF, Crystal oscillator and CLKOUT
not-available.
Table 22 Poweroff Mode
Note:
For minimum power consumption unused control bits 3 and 4 should be set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com