Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-CQAR Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LD-CQAR
Description  OSLON® Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LD-CQAR Datasheet(HTML) 5 Page - ams-OSRAM AG

  LD-CQAR Datasheet HTML 1Page - ams-OSRAM AG LD-CQAR Datasheet HTML 2Page - ams-OSRAM AG LD-CQAR Datasheet HTML 3Page - ams-OSRAM AG LD-CQAR Datasheet HTML 4Page - ams-OSRAM AG LD-CQAR Datasheet HTML 5Page - ams-OSRAM AG LD-CQAR Datasheet HTML 6Page - ams-OSRAM AG LD-CQAR Datasheet HTML 7Page - ams-OSRAM AG LD-CQAR Datasheet HTML 8Page - ams-OSRAM AG LD-CQAR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.5 (not for new design)
LD CQAR
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Radiant Power
Radiant Power
Gruppe
Strahlungsleistung
Strahlungsleistung
(min.) Φ
E [mW]
(max.) Φ
E [mW]
AQ
1210
1300
AR
1300
1400
AS
1400
1500
AT
1500
1640
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
L1
2.80
2.90
L2
2.90
3.00
M1
3.00
3.10
MX
3.10
3.25
Group
deep blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
444
449
3
449
453
4
453
457
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.
1) page 21
1) Seite 21
1) page 21
1) Seite 21
7) page 21
7) Seite 21
2018-05-10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com