Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD-CQAR Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LD-CQAR
Description  OSLON® Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LD-CQAR Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LD-CQAR Datasheet HTML 5Page - ams-OSRAM AG LD-CQAR Datasheet HTML 6Page - ams-OSRAM AG LD-CQAR Datasheet HTML 7Page - ams-OSRAM AG LD-CQAR Datasheet HTML 8Page - ams-OSRAM AG LD-CQAR Datasheet HTML 9Page - ams-OSRAM AG LD-CQAR Datasheet HTML 10Page - ams-OSRAM AG LD-CQAR Datasheet HTML 11Page - ams-OSRAM AG LD-CQAR Datasheet HTML 12Page - ams-OSRAM AG LD-CQAR Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.5 (not for new design)
LD CQAR
ΔVF = VF - VF(25 °C) = f(Tj); IF = 700 mA
ΦE/ΦE(25 °C) = f(Tj); IF = 700 mA
λdom = f(Tj); IF = 700 mA
OHL06172
-40
-20
0
20
40
60
80
100 120
T
j (° C)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆V F (V )
(°C)
OHL06148
-40
-20
0
20
40
60
80
100 120
T
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φ
E
Φ
E (25
° C )
OHL06150
-40 -20 0
20 40 60 80 100 120
Tj (°C)
440
445
450
455
460
λ dom
(nm)
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
Relative Radiant Power 6) page 21
Relative Strahlungsleistung 6) Seite 21
Dominante Wellenlänge 6) Seite 21
Dominant Wavelength 6) page 21
2018-05-10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com