Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R01C Datasheet(PDF) 7 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R01C
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R01C Datasheet(HTML) 7 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R01C Datasheet HTML 3Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 4Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 5Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 6Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 7Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 8Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 9Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 10Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 11Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
12
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
13
Product
Code
IP
rating
Colour
(Cover / Base)
Material
Size H
(mm)
W
(mm)
D
(mm)
Legend
Description
NCU-61-01
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
On
Legend for use with DE Enclosures
NCU-61-02
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Off
NCU-61-03
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Start
NCU-61-04
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Stop
NCU-61-05
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Fwd
NCU-61-06
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Rev
NCU-61-07
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Up
NCU-61-08
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Down
NCU-61-09
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Fast
NCU-61-10
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Slow
NCU-61-11
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Open
NCU-61-12
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Close
NCU-61-13
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Reset
NCU-61-14
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Em.Stop
NCU-61-15
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
I O
NCU-61-16
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
On/Off
NCU-61-17
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Start/Stop
NCU-61-18
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Fwd/Rev
NCU-61-19
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Up/Down
NCU-61-20
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Fast/Slow
NCU-61-21
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Open/Close
NCU-61-22
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
O I
NCU-61-23
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Off/On
NCU-61-24
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Stop/Start
NCU-61-25
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Rev/Fwd
NCU-61-26
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Down/Up
NCU-61-27
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Slow/Fast
NCU-61-28
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Close/Open
NCU-61-29
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
NCU-61-30
N/A
Silver
Self-Adhesive Plastic N/A
18
18
18
Control Stations & Enclosures
Product
Code
IP
rating
Colour
(Cover / Base)
Material
Size H
(mm)
W
(mm)
D
(mm)
Temp Rating
Description
DE04S-A-BB-4 IP67
Black/ Black
ABS-UL94-HB
DE04S 80 172
53
-10c to +65c
DE04S-A-GG-4 IP67
Grey/ Grey
ABS-UL94-HB
DE04S 80 172
53
-10c to +65c
DE04S-A-BG-4 IP67
Black /Grey
ABS-UL94-HB
DE04S 80 172
53
-10c to +65c
DE04S-A-GB-4 IP67
Grey/ Black
ABS-UL94-HB
DE04S 80 172
53
-10c to +65c
DE04S-A-YB-4 IP67
Yellow/ Black
ABS-UL94-HB
DE04S 80 172
53
-10c to +65c
DE04S-A-YG-4 IP67
Yellow/ Grey
ABS-UL94-HB
DE04S 80 172
53
-10c to +65c
DE04S-P-BB-4 IP67
Black/ Black
Polycarbonate
DE04S 80 172
53
-10c to +65c
DE04S-P-GG-4 IP67
Grey/ Grey
Polycarbonate
DE04S 80 172
53
-10c to +65c
DE04S-A-BG-4 IP67
Black /Grey
Polycarbonate
DE04S 80 172
53
-10c to +65c
DE04S-A-GB-4 IP67
Grey/ Black
Polycarbonate
DE04S 80 172
53
-10c to +65c
DE04S-P-YB-4 IP67
Yellow/ Black
Polycarbonate
DE04S 80 172
53
-10c to +65c
DE04S-P-YG-4 IP67
Yellow/ Grey
Polycarbonate
DE04S 80 172
53
-10c to +65c
DE04 Enclosures with 4x22mm Hole
DE04 Deep Base - 78mm
Cable Glands - Grey
Flange Bracket
Cable Glands - Black
DIN Rail Clip
DE04D-A-BB-4 IP67
Black/ Black
ABS-UL94-HB
DE04D 80 172
78
-10c to +65c
DE04D-A-GG-4 IP67
Grey/ Grey
ABS-UL94-HB
DE04D 80 172
78
-10c to +65c
DE04D-A-BG-4 IP67
Black /Grey
ABS-UL94-HB
DE04D 80 172
78
-10c to +65c
DE04D-A-GB-4 IP67
Grey/ Black
ABS-UL94-HB
DE04D 80 172
78
-10c to +65c
DE04D-A-YB-4 IP67
Yellow/ Black
ABS-UL94-HB
DE04D 80 172
78
-10c to +65c
DE04D-A-YG-4 IP67
Yellow/ Grey
ABS-UL94-HB
DE04D 80 172
78
-10c to +65c
DE04D-P-BB-4 IP67
Black/ Black
Polycarbonate
DE04D 80 172
78
-10c to +65c
DE04D-P-GG-4 IP67
Grey/ Grey
Polycarbonate
DE04D 80 172
78
-10c to +65c
DE04D-A-BG-4 IP67
Black /Grey
Polycarbonate
DE04D 80 172
78
-10c to +65c
DE04D-A-GB-4 IP67
Grey/ Black
Polycarbonate
DE04D 80 172
78
-10c to +65c
DE04D-P-YB-4 IP67
Yellow/ Black
Polycarbonate
DE04D 80 172
78
-10c to +65c
DE04D-P-YG-4 IP67
Yellow/ Grey
Polycarbonate
DE04D 80 172
78
-10c to +65c
DECGG
IP68
RAL7035
Polyamide 6
M20 39.2 10 3.5 to 8 -40C TO + 100C
Fits all sizes of enclosures, m20 x 1.5Mm
thread glands
DEFB
N/A
Black
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
N/A
N/A
Snap-On mounting bracket in black
PA66 fits DE01-DE06 2x M3 fixing holes
DEFG
N/A
Grey
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
N/A
N/A
Snap-On mounting bracket in grey PA66
fits DE01-DE06 2x M3 fixing holes
DECGB
IP68
RAL9005
Polyamide 6
M20 39.2 10 3.5 to 8 -40C TO + 100C
Fits all sizes of enclosures, m20 x 1.5Mm
thread glands
DEDB
N/A
Black
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
N/A
N/A
Snap-On combi foot din rail mounting
bracket in black pa66 fits de01-de06
DEDG
N/A
Grey
PA66 UL94-V0
Flame Retardant
N/A N/A N/A
N/A
N/A
Snap-On combi foot din rail mounting
bracket in grey pa66 fits de01-de06
Accessories
Legends
DE Enclosures - Hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com