Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R01C Datasheet(PDF) 18 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R01C
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R01C Datasheet(HTML) 18 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R01C Datasheet HTML 14Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 22Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
34
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
35
Cable Glands
Klikseal - IP67 Cable Retention Grommet - Standard Panels
Klikseal - IP67 Cable Retention Grommet - Thin Panels
IP67 Cable Grommets - Rapid Installation
Kwikseal Features:
• Self Adjusting To Cable diameter
• Temp range -50°c to +125°c
• Unique Joy-Stick effect
• Pop-out membrane
• Saves time, saves money
• Patented design
Klikseal Features:
• Integrated Tension Relief
• Saves Upto 90% On Installation time
• Self Adjusting To Wall thickness 0.7-5mm
• Pop-out membrane
• Saves time, saves money
• Patented design
Rutaseal Features:
• Both Metric & PG Range Avaliable
• Internal/ External Holes IP67
• Pop-out membrane
Product Code
Size
For Panel
Thickness (mm)
Colour
Material
H
(mm)
H2
(mm)
D1
(mm)
Cable Size (mm)
(IP65 For Cable Ø mm)
Temp Rating
1475803
M20
2-5
RAL 7035 - Grey
TPE and Polyamide 66
17-20
5,5
4,0
7-11 (4-11)
-20 to +125C
1475804
M25
2-5
RAL 7035 - Grey
TPE and Polyamide 66
17-20
5,7
5,0
7-13 (4-13)
-20 to +125C
1475813
M20
2-5
RAL 9005 - Black
TPE and Polyamide 66
17-20
5,5
4,0
7-11 (4-11)
-20 to +125C
1475814
M25
2-5
RAL 9005 - Black
TPE and Polyamide 66
17-20
5,7
5,0
7-13 (4-13)
-20 to +125C
1475823
M20
2-5
RAL 9010 - White
TPE and Polyamide 66
17-20
5,5
4,0
7-11 (4-11)
-20 to +125C
1475824
M25
2-5
RAL 9010 - White
TPE and Polyamide 66
17-20
5,7
5,0
7-13 (4-13)
-20 to +125C
1475807
M20
0,7 - 3
RAL 7035 - Grey
TPE and Polyamide 66
17-20
5,5
4,0
7-11 (4-11)
-20 to +125C
1475808
M25
0,7 - 3
RAL 7035 - Grey
TPE and Polyamide 66
17-20
5,7
5,0
7-13 (4-13)
-20 to +125C
1475817
M20
0,7 - 3
RAL 9005 - Black
TPE and Polyamide 66
17-20
5,5
4,0
7-11 (4-11)
-20 to +125C
1475818
M25
0,7 - 3
RAL 9005 - Black
TPE and Polyamide 66
17-20
5,7
5,0
7-13 (4-13)
-20 to +125C
1475827
M20
0,7 - 3
RAL 9010 - White
TPE and Polyamide 66
17-20
5,5
4,0
7-11 (4-11)
-20 to +125C
1475828
M25
0,7 - 3
RAL 9010 - White
TPE and Polyamide 66
17-20
5,7
5,0
7-13 (4-13)
-20 to +125C
Kwikseal - IP67 Cable Retention Grommet
1475711
M16
0,5 - 3
RAL 7035 - Grey
TPE
11
4
6,75
5-10
-50 to +125C
1475712
M20
0,5 - 3
RAL 7035 - Grey
TPE
11
4
6,75
6-13
-50 to +125C
1475713
M25
0,5 - 3,5
RAL 7035 - Grey
TPE
11
4
6,75
8-17
-50 to +125C
1475714
M32
0,5 - 4,5
RAL 7035 - Grey
TPE
11
4
6,75
12-24
-50 to +125C
1475716
M16
0,5 - 3
RAL 9005 - Black
TPE
11
4
6,75
5-10
-50 to +125C
1475717
M20
0,5 - 3
RAL 9005 - Black
TPE
11
4
6,75
6-13
-50 to +125C
1475718
M25
0,5 - 3,5
RAL 9005 - Black
TPE
11
4
6,75
8-17
-50 to +125C
1475719
M32
0,5 - 4,5
RAL 9005 - Black
TPE
11
4
6,75
12-24
-50 to +125C
1475721
M16
0,5 - 3
RAL 9010 - White
TPE
11
4
6,75
5-10
-50 to +125C
1475722
M20
0,5 - 3
RAL 9010 - White
TPE
11
4
6,75
6-13
-50 to +125C
1475723
M25
0,5 - 3,5
RAL 9010 - White
TPE
11
4
6,75
8-17
-50 to +125C
1475724
M32
0,5 - 4,5
RAL 9010 - White
TPE
11
4
6,75
12-24
-50 to +125C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com