Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB22-R01C Datasheet(PDF) 32 Page - Hylec-APL Ltd. All rights reserved.

Part # DPB22-R01C
Description  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R01C Datasheet(HTML) 32 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R01C Datasheet HTML 27Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 28Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 29Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 30Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 31Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 32Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 33Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 34Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 35Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
62
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
63
Cable Glands
IP65 WADI EMC With Viton Sealing Insert
PG Stainless Steel Locknuts
PG Stainless Steel Cable Glands
Features:
• Stainless Steel
• Suitable For high temperature applications
• Easy to install with a wide sealing range
Part Code
Size
H(mm)
L (mm)
ØC (mm)
Temp Rating
129007
Pg 7
22
6
4-7
-18 to +200C
129009
Pg 9
23,5
6,5
5-10
-18 to +200C
129011
Pg 11
24
6
7-12
-18 to +200C
129013
Pg 13,5
27
6
7-15
-18 to +200C
129016
Pg 16
27
6
7-15
-18 to +200C
129021
Pg 21
30,5
7,5
9-20
-18 to +200C
Part Code
Size
H(mm)
SW1 (mm)
ØC (mm)
Temp Rating
129207
Pg 7
3
14
N/a
-60c / +200c
129209
Pg 9
3
19
N/a
-60c / +200c
129211
Pg 11
3
22
N/a
-60c / +200c
129213
Pg 13,5
3
24
N/a
-60c / +200c
129216
Pg 16
3
27
N/a
-60c / +200c
129221
Pg 21
3,5
32
N/a
-60c / +200c
129229
Pg 29
4
41
N/a
-60c / +200c
129236
Pg 36
5
50
N/a
-60c / +200c
Steatite High Temperature Terminal Blocks
Features:
• Chemical Resistance
• Non-Flammability
• Heat resistance
• Corrosion resistance
• Temp Rating of -5 to +350
• Max Voltage 450V
2 Pole Steatite Terminal Block For High Temp. Applications
3 Pole Steatite Terminal Block For High Temp. Applications
2 Pole Steatite Terminal Block For High Temp. Applications
3 Pole Steatite Terminal Block For High Temp. Applications
Product Code
Colour
Material
H
(mm)
W
(mm)
L
(mm)
Fixing Holes:
Dia
Max Conductor
Size (mm)
Max
Current (A)
Poles
2-402Z-2/ST
Beige/Matt
Steatite
15
18
21
5.5
2.5
24
2
2-1602-2/ST
Beige/Matt
Steatite
21
22
24
5.5
4
32
2
2-2021-2/ST
Beige/Matt
Steatite
23
30
34
5.5
6
57
2
2-403Z-3/ST
Beige/Matt
Steatite
15
18
33
5.5
2.5
24
3
2-1603-3/ST
Beige/Matt
Steatite
21
22
38
5.5
4
32
3
2-2031-3/ST
Beige/Matt
Steatite
23
30
53
5.5
6
57
3
RiKO Components GmbH - An der Wethmarheide 17 - D-44536 Lünen
fon: +49 (0) 2306 923 480 - fax: +49 (0) 2306 923 490 - info@riko.de / www.riko.de
www.ebg-group.com
Steatitklemmen
Steatite Connectors
Artikel
Elektrische Werte
Mechanische Abmessungen
article
electrical value
dimensions
Type
Farbe
Pole
Bemessungs-
Klemmbereich*
Prüfstrom
Bemessungs-
L
B
H
M
Isolationsspannung
Anschlussvermögen
type
colour
pole
nominal voltage
clamping area*
test current
rated cross-section
mm
mm
mm
2-402Z-2 ST
beige
2
450 V
1,5 - 6 mm²
24 A
2,5 mm²
21
18
15
M3
2-1602-2 ST
beige
2
450 V
2,5 - 10 mm²
32 A
4 mm²
24
22
21
M3,5
2-2021-2 ST
beige
2
450 V
2,5 - 16 mm²
57 A
10 mm²
34
30
23
M4
2-403Z-3 ST
beige
3
250 V
1,5 - 6 mm²
24 A
2,5 mm²
33
18
15
M3
2-1603-3 ST
beige
3
450 V
2,5 - 10 mm²
32 A
4 mm²
38
22
21
M3,5
2-2031-3 ST
beige
3
450 V
2,5 - 16 mm²
57 A
10 mm²
53
30
23
M4
Steatite is an alternative to ceramics. This material consists
to about 90 % of soapstone, a very soft mineral. It can be
shaped easily, and a temperature treatment at roughly
1300 °C, including diverse additives, will provide it with spe-
cial properties.
Advantages in comparison to ceramics:
- higher density
- better value concerning bending and compression strength
as well as elasticity
- higher dielectric strength
Other properties:
- non-inflammable
- temperature-resistant, dimensional stability up to 1000 °C
(housing may get in contact with hot objects, but the sur-
rounding temperature should not exceed 350 °C because
otherwise, the scaling temperature of brass inserts will be
reached)
Technical Data
Housing
steatite C 220, IEC 672-1, unglazed
continuous use temperature:
max. 350 °C
Insert
nickel-plated brass (galvanised)
Screw
zinc-plated steel (galvanised), blue passivated
screwed down as far as possible
Eine Alternative zu Porzellan ist Steatit. Dieser keramische
Werkstoff besteht zu ca. 90% aus Speckstein, einem sehr
weichen Mineral. Es lässt sich leicht in beliebige Formen
pressen. Seine besondere Fähigkeit bekommt das Steatit
durch eine Temperaturbehandlung bei ca. 1300 °C mit
diversen Zusätzen.
Vorteile gegenüber Porzellan:
- höhere Dichte
- bessere Werte in den Bereichen Biege- und Druckfestigkeit,
höhere Bruchsicherheit
- höhere elektrische Durchschlagfestigkeit
Weitere Eigenschaften:
- nicht brennbar
- temperaturbeständig, formstabil bis ca. 1000 °C
(Isolierkörper darf mit heißen Teilen in Berührung kommen,
die Umgebungstemperatur sollte jedoch nicht höher als
350 °C sein, da sonst die Verzunderungstemperatur der
Messingkörper erreicht werden kann.)
Technische Daten
Isolierteil
Steatit unglasiert C 220, IEC 672-1
Dauergebrauchstemperatur:
max. 350 °C
Klemmkörper
Messing galvanisch vernickelt
Schrauben
Stahl galvanisch verzinkt, blau passiviert
Schrauben werden ganz eingedreht
* minimum diameter: single-wire, without end sleeve
maximum diameter: multiple-wire, with end sleeve
** without fixing hole
* kleinster Querschnitt: eindrähtig, ohne Aderendhülse
größter Querschnitt: mehrdrähtig, mit Aderendhülse
** ohne Anschraubloch
Emech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com