Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R86 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3ZM-R86
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R86 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3ZM-R86 Datasheet HTML 4Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 5Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 6Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
E3ZM
8
Excess Gain vs. Distance
Through-beam Models
Retro-reflective Models
E3ZM-T
@1(T@6)
E3ZM-T
@3(T@8)
E3ZM-R
@1(R@6)
Diffuse-reflective Models
E3ZM-D
@2(D@7)
Sensing Object Size vs. Distance
Spot Diameter vs. Distance
Diffuse-reflective Models
BGS Reflective Models
E3ZM-D
@2(D@7)
E3ZM-LS
@1H(LS@6H)
E3ZM-LS
@2H/LS@4H(LS@7H/LS@9H)
100
50
30
10
5
3
1
0.5
0.3
0.1
50
45
40
35
30
25
20
15
10
5
0
Distance (m)
Oper-
ating
level
0.1
1
10
100
0
500
1000
1500
2000
2500
Distance (mm)
Oper-
ating
level
100
50
30
10
5
3
1
0.5
0.3
0.1
6
12345
0
E39-R1S
E39-R1
Distance (m)
Oper-
ating
level
100
50
30
10
5
3
1
0.5
0.3
0.1
2.5
0.5
1
1.5
2
0
Sensing object: 300
× 300 white paper
Distance (m)
Oper-
ating
level
Sensing object: White paper
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.8
0.0
600
100
200
300
400
500
0
Length d of sensing object (mm)
d
d
10
8
6
4
2
12
0
20
40
60
80
100
0
Distance (mm)
18
16
14
12
10
8
6
4
2
20
0
50
100
150
200
250
0
Distance (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com