Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R86 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E3ZM-R86
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R86 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E3ZM-R86 Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 12Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 13Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 14Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 15Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 16Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
E3ZM
16
11.6
4.5
Stability indicator (green)
Operation Indicator (yellow)
Sensitivity adjuster*
Operation selector*
*No sensitivity adjuster and operation
selector with BGS reflective model
4 dia. vinyl-insulated round cable with 3 conductors (Conductor
cross section:0.2 mm2 (AWG24), Insulator diameter:1.1 mm),
Standard length: 2 m
25.4
21
21
3
2.8
16.2
10.8
10.8
31
31
7
1.2
Receiver
6.4 dia.
Emitter
6.4 dia.
Two, M3
Retro-reflective Models
Pre-wired Models
E3ZM-R61
E3ZM-R81
Diffuse-reflective Models
Standard Connector
E3ZM-D62
E3ZM-D82
BGS Reflective Models
Pre-wired Models
E3ZM-LS61H
E3ZM-LS62H
E3ZM-LS64H
E3ZM-LS81H
E3ZM-LS82H
E3ZM-LS84H
Receiver
6.4 dia.
Emitter
6.4 dia.
31
31
7
7
1.2
*No sensitivity adjuster and operation
selector with BGS reflective model
Stability indicator (green)
Operation Indicator (yellow)
Sensitivity adjuster*
Operation selector*
M8
×1
Two, M3
11.6
4.5
10.8
10.8
25.4
21
21
3
2.8
16.2
Retro-reflective Models
Standard Connector
E3ZM-R66
E3ZM-R86
Diffuse-reflective Models
Standard Connector
E3ZM-D67
E3ZM-D87
BGS Reflective Models
Standard Connector
E3ZM-LS66H
E3ZM-LS67H
E3ZM-LS69H
E3ZM-LS86H
E3ZM-LS87H
E3ZM-LS89H
Receiver
6.4 dia.
Emitter
6.4 dia.
31
31
7
7
1.2
*No sensitivity adjuster and operation
selector with BGS reflective model
Stability indicator (green)
Operation Indicator (yellow)
Sensitivity adjuster*
Operation selector*
M8
×1
Two, M3
11.6
4.5
10.8
10.8
25.4
21
21
3
2.8
16.2
Receiver
6.4 dia.
Emitter
6.4 dia.
31
31
7
7
1.2
*No sensitivity adjuster and operation
selector with BGS reflective model
Stability indicator (green)
Operation Indicator (yellow)
Sensitivity adjuster*
Operation selector*
M8
×1
Two, M3
11.6
4.5
10.8
10.8
25.4
21
21
3
2.8
16.2
24
13
Terminal No.
Specifications
1+V
2
---
30 V
4
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com