Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R86 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3ZM-R86
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R86 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3ZM-R86 Datasheet HTML 1Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 2Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 3Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 4Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 5Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 6Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R86 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
E3ZM
4
Mounting Brackets A Mounting Bracket is not enclosed with the Sensor. Order a Mounting Bracket separately if required.
(Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
Note: When using a Through-beam Sensor, order one Mounting Bracket for the Receiver and one for the Emitter.
*1. Cannot be used for Standard Connector models with mounting surface on the bottom. In that case, use Pre-wired Connector models.
*2. Cannot be used for Standard Connector models.
Sensor I/O Connectors (Sockets on One Cable End)
(Models for Connectors: A Connector is not provided with the Sensor. Be sure to order a Connector separately.)
(Refer to Dimensions on XS3.)
Note: When using a Through-beam Sensor, order one Mounting Bracket for the Receiver and one for the Emitter.
*1. Cable specifications: Outer coating material: PVC, Nut material: Stainless steel, Degree of protection: IP67 (IEC 60529)
*2. The connector will not rotate after connecting.
*3. The cable is fixed at an angle of 180° from the sensor emitter/receiver surface.
Appearance
Model
(Material)
Quantity
Remarks
Appearance
Model
(Material)
Quantity
Remarks
E39-L153
(SUS304)
*1
1
Mounting Brackets
E39-L98
(SUS304)
*2
1
Metal Protective Cover
Bracket
E39-L104
(SUS304)
*1
1
E39-L150
(SUS304)
1 set
(Sensor adjuster)
Easily mounted to the
aluminum frame rails of
conveyors and easily
adjusted.
For left to right adjustment
E39-L43
(SUS304)
*2
1
Horizontal Mounting
Bracket
E39-L151
(SUS304)
1 set
E39-L142
(SUS304)
*2
1
Horizontal Protective Cover
Bracket
E39-L44
(SUS304)
1
Rear Mounting Bracket
E39-L144
(SUS304)
*2
1
Compact Protective Cover
Bracket
Size
Cable
Appearance
Cable type
Model
M8 (4 pins) *1
Standard
2 m
4-wire
XS3F-E421-402-A
5 m
XS3F-E421-405-A
2 m
XS3F-E422-402-A
5 m
XS3F-E422-405-A
Straight *2
L-shaped *2 *3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com