Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-000 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-000 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-000 Datasheet HTML 16Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 17Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 18Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 19Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 20Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 21Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 22Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 23Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
20
Digital Temperature Controller
E5ED/E5ED-B (48 × 96 mm)
Optimize Control by Detecting
Status Changes.
Easily Satisfy Both Productivity and
Quality.
Models with Push-In Plus technology
Available in the Lineup.
• Automatic optimization of control for changes in systems
(Adaptive Control).
• Functions specialized for packaging machines
(Temperature Sensors for Packaging Machines and Automatic
Filter Adjustment).
• Function specialized for water-cooled extruders (Water-
cooling Output Adjustment).
• Indication data (Power ON Time, Ambient Temperature, and
Output ON/OFF Count).
• Basic performance is same as the E5C standard models.
• Draw-out structure for easy maintenance. (Screw terminal
blocks only)
Main I/O Functions
48 × 96 mm
Screw Terminal Blocks
E5ED
Refer to Safety Precautions on 43.
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
48 × 96 mm
Push-In Plus Terminal Blocks
E5ED-B
Three-level Display
PV, SV, and MV displayed
at the same time.
E5ED/E5ED-B
Auxiliary Outputs
• 4
Bar displays
Sensor Input
4-digit displays
Universal input
• Thermocouple
• Pt
• Analog current/voltage
Indication Accuracy
• Thermocouple input
±0.3%PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of
FS
Sampling Period
• 50 ms
Event Inputs
• None
• 2
• 4
Control Output 1
• Relay output
• Voltage output
(for driving SSR)
• Linear current output
Serial Communications
• None
• RS-485
Control Output 2
• Relay output
• Adaptive Control
• Automatic Filter
Adjustment
• Water-cooling Output
Adjustment
• Indication Data
Power ON Time
Ambient Temperature
Output ON/OFF Count
Transfer Output
• None
• 1
This datasheet is provided as a guideline for selecting products.
Be sure to refer to the following manuals for application precautions and other information required for operation before attempting
to use the product.
E5
@D Digital Temperature Controllers User’s Manual (Cat. No. H224)
E5
@D Digital Temperature Controllers Communications Manual (Cat. No. H225)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com