Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-000 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-000 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-000 Datasheet HTML 28Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 29Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 30Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 31Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 32Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 33Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 34Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 35Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
E5ED/E5ED-B
32
E5ED-B (Push-In Plus Terminal Blocks)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Refer to E5
@D-B (Push-In Plus terminal block types) on page 48 for wire specifications and wiring methods.
5. Common terminals are indicated with asterisks (*).
You can use the input power supply and communications common terminals for crossover wiring.
Controllers given below if you use crossover wiring for the input power supply.
100 to 240 VAC Controllers: 16 max.
24 VAC/VDC Controllers: 8 max.
6. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring).
27
28
26
17
29
30
31
32
19
20
18
21
22
23
24
25
43
44
42
33
45
46
47
48
35
36
34
37
38
39
40
41
RX
R
Q
OUT1
OUT1
QX
5
6
RR
R
OUT1
R
OUT2
R
OUT2
5
6
Q
OUT1
QR
C
OUT1
CX
5
6
1
2
3
4
1
2
3
4
32
Pt
A
B
B
mA
31
30
32
31
30
32
31
30
32
31
30
V
V
TC
I
11
12
9
10
2
1
7
8
5
6
3
4
13
14
15
16
9
10
11
12
13
14
15
16
*
5
6
7
8
5
6
7
8
Models with 1 Voltage
Output (for Driving SSR)
1 linear current
Output
Models with Voltage
Output (for Driving SSR)
and Relay Output
Models with 2
Relay Outputs
(2) Auxiliary Outputs
(1) Control output
Auxiliary outputs 1, 2, 3, 4
Auxiliary output 2
Auxiliary output 1
Auxiliary output 4
Auxiliary output 3
*
*
*
*
*
(no polarity)
(3) Input Power Supply
100 to 240 VAC
24 VAC/DC
(6) Options
(5) Sensor (Temperature/Analog) Input
The E5ED-B is set for a K-type thermocouple (input type =
5) by default. An input error (
s.err) will occur if the input
type setting does not agree with the temperature sensor.
Check the input type.
Relay output
Models with 4 auxiliary outputs
250 VAC, 2 A (resistive load)
E5ED-
@@ @ @ B M - @@@
↑
Terminal type
(1) (2) (3) (4) (5)
(6)
Relay output
250 VAC, 5 A
(resistive load)
Relay output
250 VAC, 5 A (resistive load)
Voltage output
(for driving SSR)
12 VDC, 40 mA
When There Is a Control Output 2: 21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max
Control output 1
Control output 2
Auxiliary outputs 1, 2, 3, 4
004
Communications,
2 event inputs
18
17
19
20
21
22
23
25
26
24
EV2
EV1
B(
+)
A
(
−)
RS-485
*
(
−)
(
−)
008
Communications, 2 event
inputs, and 1 CT input
18
17
19
20
21
22
23
25
26
24
CT1
EV2
EV1
B(
+)
A
(
−)
RS-485
(
−)
(
−)
010
4 event inputs, and 1 CT input
18
17
19
20
21
22
23
25
26
24
CT1
EV2
EV1
EV4
EV3
(
−)
(
−)
(
−)
(
−)
022
Communications, 4 event inputs,
and Transfer Output
V
I
18
17
19
20
21
22
23
25
26
24
EV2
EV1
B
(
+)
A
(
−)
RS-485
(
−)
(
−)
38
37
39
40
41
42
43
45
46
47
48
44
EV6
EV5
(
−)
(
−)
Transfer
Output
Models with
1 Relay Output
*
*
*
*
*
*
*
*
*
*
*
Use non-voltage inputs for the event inputs.
The polarity for a non-contact input is indicated by “(
−).”
+
−
+
−
+
−
+
−
−
+
−
+
+
+
−
Wiring Example:
To another E5ED-B
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com