Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-000 Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-000 Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-000 Datasheet HTML 47Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 48Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 49Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 50Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 51Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 52Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 53Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 54Page - Omron Electronics LLC E5CD-RX2A6M-000 Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
E52
51
Model Number Legend
The type of protective tubing length, and lead length can be specified as shown below.
Example:
Element: K, protective tubing length: 12 cm, exposed leads, Y-type crimp terminals for M3.0, protective tubing diameter: 1 mm, flexible and heat
resistive, lead length: 2 m
E52-CA12AY D=1 S2 2M
Special models for Packaging Machines
E5 2-CA
@ A @ D=1 S @
@M
Code
Element type
CA
K
Diameter (D)
Length (L)
1.0
6
1.0
12
1.0
3 to 100
(in centimeters, variable)
Code
Terminal type
A
Exposed lead wires
Code
Terminal processing
Y
Y-type crimp terminals for M3.0
F
Ferrules
Code
Lead wire length M (m)
Specify the M length in meters.
Range: 0.5, 1, 2, or 0.5 to 12 (in meters, variable)
Protective tubing length L (cm)
Specify the length in centimeters within the
following range: Unit (cm)
Protective tubing diameter (D)
D=1
1 mm
Protective tubing structure
Sheathed
Code
Application
S
Temperature sensors for packaging machines
Code
Compensating conductor
2
Flexible and heat resistant (30 cores)
1
Heat resistant (7 cores)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com