Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-R1
Description  Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC E39-R1 Datasheet HTML 10Page - Omron Electronics LLC E39-R1 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
E3S-C
Note: Models numbers for Through-beam Sensors (E3S-CT61(-M1J)) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3S-CT61-L 2M), the model number of the Receiver, by adding "-D" 
(example: E3S-CT61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
20
57
15.8
7.4
Optical axis
Optical axis
22.2
12.9
4.2
4.2
9.2
4.2
12.9
20
25.4
31
43.8
1.5
12
32.2
2.2
7.2
Stability indicator (green)
Light indicator (red)*2
20.2
Two, M4
5.8
23
A*
1
M3
× 5
23.2
Lens (17
× 11)
M12
× 1
20.4
25.4
Two, M4
Stainless steel
(SUS304)
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter: 1.2 mm),
Standard length: 2 m *3
With Mounting Bracket Attached
Mounting Holes
4-dia. vinyl-insulated round cable
Standard length: 300 mm
Pre-wired Connector (-M1J)
*1. The Mounting Bracket can be attached to side A.
*2. The Emitters for Through-beam Sensors only have the power indicator (red).
*3. The Emitter cable is 4-dia.vinyl-insulated round cable with 2 conductors (conductor cross section: 0.3 mm2,
insulator diameter: 1.3 mm) and a standard length of 2 m.
Through-beam (Vertical)
E3S-CT61(-MJ)
50
Light indicator (red)
Stability indicator
(green)
22.2
9.2
4.2
6.2
38.2
8.3
29.5
17.3
25.4
20.8
2.2
4
18
9.3
1
23
9
Optical axis
Receiver
Emitter
1.5
Two, M4
Stainless steel
(SUS304)
4.2
20
M3
× 5
M12
× 1
20.4
20
18.5
A*
*The Mounting Bracket can be attached to side A.
25.4
Two, M4
Mounting Holes
Lens (17
× 11)
Pre-wired Connector (-M1J)
4-dia. vinyl-insulated round cable
Standard length: 300 mm
With Mounting Bracket Attached
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2 (AWG24),
Insulator diameter: 1.2 mm),
Standard length: 2 m
Retro-/Diffuse-reflective (Horizontal)
E3S-CR11(-M1J)
E3S-CD11(-M1J)
E3S-CD12(-M1J)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com