Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-R1
Description  Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
E3S-C
Ratings and Specifications
*1. Refer to MSR function of Technical Guide (Technical version).
*2. NEMA: National Electrical Manufactures Association
Sensing
method
Through-beam
Retro-reflective
(with M.S.R. function) *1
Diffuse reflective
Model
Horizontal
E3S-CT11(-M1J)
Horizontal
E3S-CR11(-M1J)
Horizontal
E3S-CD11(-M1J)
Horizontal
E3S-CD12(-M1J)
Item
Vertical
E3S-CT61(-M1J)
Vertical
E3S-CR61(-M1J)
Vertical
E3S-CD61(-M1J)
Vertical
E3S-CD62(-M1J)
Sensing distance
30 m
3 m (when using E39-R1)
700 mm
(300
× 300 mm
white paper)
2 m
(300
× 300 mm
white paper)
Standard sensing
object
Opaque, 15-mm dia. min.
Opaque, 75-mm dia. min.
---
Differential travel
---
20% max. of sensing distance
Directional angle
Emitter and Receiver: 3
°
to15
°
3
° to 10°
---
Light source
(wavelength)
Infrared LED (880 nm)
Red LED (700 nm)
Infrared LED (880 nm)
Power supply voltage
10 to 30 VDC including 10% (p.p) ripple
Current consumption
50 mA max. (Emitter 25 mA
max. Receiver 25 mA max.)
40 mA max.
Control output
Load power supply voltage: 30 VDC max.
Load current: 100 mA max. (Residual voltage: NPN output: 1.2 V max., PNP output: 2.0 V max.)
Open controller output (NPN/PNP selectable)
Light-ON/Dark-ON selectable
Protection circuits
Power supply reverse polari-
ty circuit protection, Output
short-circuit protection
Power supply reverse polarity protection, Output short-circuit protection,
Mutual interference prevention
Response time
Operate or reset: 1 ms max.
Operate or reset 2 ms max.
Sensitivity
adjustment
One-turn adjuster
Two-turn endless adjuster with an indicator
Ambient illumination
(Receiver side)
Incandescent lamp: 5,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature
range
Operating:
−25°C to 55°C, Storage: −40°C to 70°C (with no icing or condensation)
Ambient humidity
range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hours each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529: IP67 (in-house standards: oil-resistant), NEMA: 6P (indoors only) *2
Connection method
Pre-wired (standard cable length: 2 m) or Pre-wired M12 Connector (standard cable length: 0.3 m)
Weight (packed state)
Approx. 270 g
(Pre-wired cable)
Approx. 230 g
(Pre-wired Connector (M12))
Approx. 160 g
(Pre-wired cable)
Approx. 130 g
(Pre-wired Connector (M12))
Approx. 150 g
(Pre-wired cable)
Approx. 110 g
(Pre-wired Connector (M12))
Material
Case
Zinc die-cast
Operation
panel cover
PES (polyether sulfone)
Lens
Methacrylic resin
Mounting
Bracket
Stainless steel (SUS304)
Accessories
Mounting Bracket (with screws), Adjustment screwdriver, Instruction manual, and Reflector (only for Retro-reflective
Sensors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com