Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E39-R1
Description  Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
E3S-C
4
Engineering Data (Reference value)
Parallel Operating Range
Through-beam
Through-beam
Retro-reflective
E3S-CT
@ (-M1J)
E3S-CT
@ (-M1J) + E39-S61 Slit
(Order Separately)
E3S-CR
@1 (-M1J) + E39-R1 Reflector
(Provided)
Operating Range
Diffuse-reflective
E3S-CD
@@ (-M1J)
Excess Gain vs. Set Distance
Through-beam
Retro-reflective
Diffuse-reflective
E3S-CT
@1 (-M1J)
E3S-CR
@1 (-M1J) + E39-R1 Reflector
(Provided)
E3S-CD
@@ (-M1J)
2.5
2
1.5
1
0.5
0
−0.5
−1
−1.5
−2
−2.5
20
30
40
10
Distance X (m)
Y
X
800
600
400
200
0
−200
−400
−600
−800
4
8
12
16
Slit width: 1 mm
Slit width: 0.5 mm
Slit width: 2 mm
Slit width: 4 mm
Y
X
Distance X (m)
400
300
200
100
0
−100
−200
−300
−400
1
2
3
4
E39-R1 Reflector
Y
X
Distance X (m)
50
40
30
20
10
0
−10
−20
−30
−40
−50
2
1
3
Sensing object: white paper
300
× 300 mm
E3S-CD
@2
E3S-CD
@1
Distance X (m)
Y
X
500
300
100
50
30
10
5
3
1
Distance (m)
0
10
20
30
40
Operating
level
500
300
100
50
30
10
5
3
1
0
1
2
3
4
Reflector: E39-R1
Distance (m)
Operating
level
500
300
100
50
30
10
5
3
1
0
1
2
3
Sensing object: White paper 300
× 300 mm
E3S-CD
@2
E3S-CD
@1
Distance (m)
Operating
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com