Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-001 Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-001
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-001 Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-001 Datasheet HTML 48Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 49Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 50Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 51Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 52Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 53Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 54Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 55Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 56Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
E52
53
Installation Method
A Temperature Sensor for Packing Machines has a diameter of 1.0 mm.
To measure the temperature close to the seal surface, mount the Sensor as close as possible to the surface.
The following installation methods are assumed.
Use the following brackets or the equivalent to mount a Temperature Sensor for Packaging Machines to a hot plate.
Note: All of the above mounting brackets are SUS304.
Mounting
bracket
Application
Manufacturer
Model number
(1)
1-mm-dia. protective tube bracket
Misumi Corporation
Square Shims
ASFCS-series
(2)
Sleeve bracket (S1)
Misumi Corporation
Cable Clips
COPU3-20P
Digi-Key
Cable Clamp
RPC1156-ND
Sleeve bracket (S2)
Misumi Corporation
Cable Clips
COPU4-20P
Digi-Key
Cable Clamp
RPC1474-ND
To correctly measure the surface
temperature, the following installation
conditions are recommended.
Enlargement
Bend to a radius
of 2 mm or larger.
Insert the end by
8 mm or longer.
Approx. 1 to 3.5
mm
Heater
Example 2: Groove for Temperature Sensor
created in heating plate and
Temperature Sensor secured
with a cover.
Example 3: Lateral hole for the Temperature Sensor created in
the heating plate and the Temperature Sensor
inserted into it.
Example 1: Groove for Temperature Sensor created in heating plate and
Temperature Sensor secured with mounting brackets.
There is a temperature
sensing element at the
tip of the Sensor. Always
press the tip against the
heating plate.
Always insert the Temperature Sensor all the way to the surface of the packing material.
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com