Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-001 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-001
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-001 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-001 Datasheet HTML 36Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 37Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 38Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 39Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 40Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 41Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 42Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 43Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
E5CD/E5ED
40
Operation
Parameter Flow
This section describes the parameters set in each level. Pressing the M (Mode) Key at the last parameter in each level returns to the top parameter
in that level. Hold down the M Key to move through the parameters in reverse. Some parameters may not be displayed depending on the model and
other settings.
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
Program Pattern
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
pmsk
on
25
0
C
25
0
l.adj
ins
0.0
inrt
1.000
c-p
8.0
c-i
233
c-d
40
M
M
M
M
M
M
M
p
8.0
i
233
d
40
c-db
0.0
of-r
50.0
hys
1.0
chys
1.0
soak
1
wt-b
off
mv-s
0.0
pmov
0
psel
cwf
u-no
1
bps
9.6
len
7
sbit
2
prty
even
sdwt
20
M
Write Mode
maxu
0
area
0
adrh
0
adrl
0
rwat
1000
unit
0
up 1
1
up13
0
dn 1
31
dn13
75
copy
off
oapt
0
icpt
1
wtpt
off
pfpt
off
M
M
prlp
0
mv-e
0.0
sprl
same
M
sprt
off
w1on
w2on
w3on
w4of
w5on
w6on
w7on
w8on
w1of
w2of
w3of
w4on
w5of
w6of
w7of
w8of
plcm
0
ol-h
100.0
ol-l
0.0
M
sqrp
0.0
at
off
cmwt
off
ct1
0.0
M
hb1
0.0
lcr1
0.0
hs1
50.0
sp-0
0
sp-1
0
sp-2
0
sp-3
0
sp-4
0
sp-5
0
sp-6
0
sp-7
0
M
sp-3
0
r-s
run
in-t
5
in-h
100
in-l
0
dp
0
d-u
c
sl-h
1300
sl-l
-200
cntl
pid
s-hc
stnd
ptrn
off
al-1
0
al1h
0
al1l
0
al-2
0
al2h
0
al2l
0
al-4
0
al4h
0
al4l
0
M
M
M
al-3
0
al3h
0
al3l
0
o
0.0
c-o
0.0
25
0
a-m
m-sp
0
sp-m
0
ct1
0.0
lcr1
0.0
prst
rset
M
sktr
0
M
orl
0.0
233
d-i
Disturbance
Integral Time
M
40
d-d
Disturbance
Derivative Time
ramm
bkup
* Press the
M Key for at least one second to
move to the previous parameter in the
current setting level.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Automatic Filter
Adjustment
0.6
w-dl
1.4
w-il
off
w-ht
off
a-ud
0.0
inf
off
fa
Input Digital Filter
PID Update
(Adaptive Control)
Water-cooling
Output Adjustment
Water-cooling
Proportional Band
Increase Threshold
Water-cooling
Proportional Band
Decrease Threshold
8.0
d-p
40
sp-d
233
sp-i
8.0
sp-p
SP Response
Proportional Band
SP Response
Integral Time
SP Response
Derivative Time
0
sp-n SP Response
Coefficient Number
Disturbance
Proportional Band
0
m-of
0
m-on
0.0
m-mv
0.0
m-pv
off
adpt
Adaptive Control
Model Creation
PV Amplitude
Model Creation
MV Amplitude
Model Creation
ON Time
Model Creation
OFF Time
*1
*1
Starting in Manual Mode.
Starting in
Automatic
Mode.
PID
Control
only
PV/MV
Press the
O Key less than 1 s.
Press the
O and M Keys for
at least 3 s.
Press the
O and M Keys
for at least 1 s.
Press the
O Key
less than 1 s.
Press the
O Key for
at least 1 s.
Press the
O Key for less than 1 s.
Press the
O Key for at least 3 s.
Other than the Auto/Manual Switch display
Press the
S Key*2
Press the
S Key
for at least 1 s.
Press the
O
Key or the
S
Key for at least
1 s.
*1. When the PF Setting parameter is set to A-M.
*2. When the PF Setting parameter is set to PFDP.
Press the
S Key*2
Displayed only for models with
communications. Changes are
effective after cycling power or
after a software reset.
* Used with programless communications
Power ON
Adjustment
Level
Press the
O Key less than 1 s.
Manual Control Level
Adjustment Level
Display
Displayed only
once when
entering
adjustment level.
AT Execute/Cancel
Communications
Writing
Heater Current 1
Value Monitor
Heater Burnout
Detection 1
Leakage Current 1
Monitor
HS Alarm 1
SP 4
SP 5
SP 6
SP 7
SP 0
SP 1
SP 2
SP 3
Proportional Band
(Cooling)
Integral Time
(Cooling)
Derivative Time
(Cooling)
Process Value Input
Shift
Process Value Slope
Coefficient
Proportional Band
Integral Time
Derivative Time
Dead Band
SP Ramp Fall Value
Manual Reset Value
Hysteresis (Heating)
Hysteresis (Cooling)
Soak Time
Wait Band
MV at Stop
MV at PV Error
SP Ramp Set Value
MV Upper Limit
MV Lower Limit
MV Change Rate
Limit
Work Bit 1
ON Delay
Work Bit 2
ON Delay
Work Bit 3
ON Delay
Work Bit 4
OFF Delay
Work Bit 5
ON Delay
Work Bit 6
ON Delay
Work Bit 7
ON Delay
Work Bit 8
ON Delay
Work Bit 1
OFF Delay
Work Bit 2
OFF Delay
Work Bit 3
OFF Delay
Work Bit 4
ON Delay
Work Bit 5
OFF Delay
Work Bit 6
OFF Delay
Work Bit 7
OFF Delay
Work Bit 8
OFF Delay
Extraction of
Square Root
Low-cut Point
Press the
O Key
for at
least 3 s.
Process Value/
Set Point 1
Process Value/
Set Point 2
Auto/Manual Switch
Multi-SP Set
Point Selection
Set Point During
SP Ramp
Heater Current 1 Value
Monitor
Leakage Current 1
Monitor
Program Start
Soak Time Remain
RUN/STOP
Operation Level
Communications
Monitor
Initial Setting Level
Alarm
Value 1
Alarm Value
Upper Limit
1
Alarm Value
Lower Limit
1
Alarm
Value 2
Alarm Value
Upper Limit
2
Alarm Value
Lower Limit
2
Alarm
Value 3
Alarm Value
Upper Limit
3
Alarm Value
Lower Limit
3
MV Monitor
(Heating)
MV Monitor
(Cooling)
Alarm Value
Upper Limit
4
Alarm Value
Lower Limit
4
Alarm
Value 4
Protect Level
Communications
Setting Level
Move to Protect Level :
Displayed only when a
password is set. Restricts
moving to protect level.
Operation/Adjustment Protect
Initial Setting/Communications Protect
Setting Change Protect
Password to Move to
Protect Level
PF Key Protect
Parameter Mask Enable
Protocol Setting:
Switches between
CompoWay/F and
Modbus.
Communications
Unit No.
Communications
Baud Rate
Communications
Data Length
Communications
Stop Bits
Communications
Parity
Send Data Wait
Time
Input Type
Scaling Upper Limit
Scaling Lower Limit
Decimal Point
Temperature Unit
°C, °F
SP Upper Limit
SP Lower Limit
PID ON/OFF
Standard or
Heating/Cooling
Highest
Communications
Unit No.
The time taken to move to the protect level
can be adjusted by changing the "Move to
protect level time" setting.
Area
First Address
Upper Word
First Address
Lower Word
Receive Data
Wait Time
Communications
Node Number
Upload
Setting 1
Upload
Setting 13
Download
Setting 1
Download
Setting 13
Copy
MASK
MASK
MASK
MASK
MASK
This mark indicates masked parameters. Disable the mask to display the parameter.
Refer to 5-12 Hiding Parameters in the E5 D Digital Temperature Controller User’s Manual (Cat. No. H224).
MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com