Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2A6M-001 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E5CD-RX2A6M-001
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2A6M-001 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E5CD-RX2A6M-001 Datasheet HTML 31Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 32Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 33Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 34Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 35Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 36Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 37Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 38Page - Omron Electronics LLC E5CD-RX2A6M-001 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
E5ED/E5ED-B
35
Accessories (Order Separately)
(2110)
250
263
1510
LED (SD)
LED (PWR)
LED (RD)
USB connector
(type A plug)
Serial connector
USB-Serial Conversion Cable
E58-CIFQ2
Connected to the E58-CIFQ2 USB-Serial Conversion Cable
Conversion Cable
(1,510)
250
(2,110)
E58-CIFQ2 (Order separately)
Conversion Cable
263
1,510
Conversion Cable
E58-CIFQ2-E
Note: Always use this product together with the E58-CIFQ2.
10
91
2
3.8
Terminal Covers (Cannot be used on a Push-In Plus terminal block type)
E53-COV24 (Three Covers provided.)
The Terminal Covers are provided with the Digital Temperature Controller.
Order the Terminal Cover separately if it becomes lost or damaged.
Waterproof Packing
Y92S-P9 (for DIN 48
× 96)
The Waterproof Packing is provided with the Digital Temperature Controller.
Order the Waterproof Packing separately if it becomes lost or damaged. The
Waterproof Packing can be used to achieve an IP66 degree of protection. Also,
keep the Port Cover on the front-panel Setup Tool port of the E5ED/E5ED-B
securely closed.
(Deterioration, shrinking, or hardening of the waterproof packing may occur
depending on the operating environment. Therefore, periodic replacement is
recommended to ensure the level of waterproofing specified in IP66. The time for
periodic replacement depends on the operating environment. Be sure to confirm
this point at your site. Consider three years as a rough standard.)
Setup Tool Port Cover for front panel
Y92S-P7
Order this Port Cover separately if the
Port Cover on the front-panel Setup Tool
port is lost or damaged. The Waterproof
Packing must be periodically replaced
because it may deteriorate, shrink, or
harden depending on the operating
environment.
Mounting Adapter
Y92F-51 (Two Adapters provided.)
One pair is provided with the Controller.
Order this Adapter separately if it
becomes lost or damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com