Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV-R2T Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5CSV-R2T
Description  Temperature Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV-R2T Datasheet(HTML) 6 Page - Omron Electronics LLC

  E5CSV-R2T Datasheet HTML 1Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 2Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 3Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 4Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 5Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 6Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 7Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
E5CSV
6
Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Controller
DIN Track Mounting Adapter
Panel Cutout Dimensions
44.8
×44.8
84
78
6
48
×48
60 min.
L = (48
× N−2.5)
Mounting side-by-side
(group mounting of N Controllers)
+1
0
45
45
45
+0.6
0
+0.6
0
+0.6
0
L
Tightening
screws
48
76.5
7.5
Adapter for flush mounting
Panel
Y92F-30 Adapter for flush mounting
58
E5CSV
E5CSV + Adapter for Flush Mounting
(Provided)
Note: 1. The recommended panel thickness is 1 to 4 mm.
2. Group mounting is possible in one direction only.
Note: Terminals cannot be removed.
50
61
3.5
38
48
100.5
Y92F-52 Note: This Adapter cannot be used together with the Terminal Cover.
Remove the Terminal Cover to use the Adapter.
Mounted to E5CSV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com