Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV-R2T Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E5CSV-R2T
Description  Temperature Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV-R2T Datasheet(HTML) 7 Page - Omron Electronics LLC

  E5CSV-R2T Datasheet HTML 1Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 2Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 3Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 4Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 5Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 6Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 7Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
E5CSV
■ Accessories (Order Separately)
Hard Protective Cover
The Y92A-48B Protective Cover (hard type) is available for the following applications.
• To protect the set from dust and dirt.
• To prevent the panel from being accidentally touched causing displacement of set values.
• To provide effective protection against water droplets.
Terminal Cover
Rubber Packing
Y92S-29 (for DIN48
× 48)
Order the Rubber Packing separately if it becomes lost
or damaged. The Rubber Packing can be used to
achieve an IP66 degree of protection for models with
terminal blocks.
(Deterioration, shrinking, or hardening of the rubber
packing may occur depending on the operating
environment. Therefore, periodic replacement is
recommended to ensure the level of waterproofing
specified in NEMA4. The time for periodic replacement
depends on the operating environment. Be sure to
confirm this point at your site. Consider one year a
rough standard. OMRON shall not be liable for the level
of water resistance if the customer does not perform
periodic replacement.)
The Rubber Packing does not need to be attached if a
waterproof structure is not required.
Safety Precautions
Refer to Safety Precautions for All Temperature Controllers.
Refer to E5CS/E5CSV Operation for operating procedures.
°C
92A-4 8B
9 2A-48B
92A-4 8B
48
48.8
22
9.1
E53-COV10
48
48.8
22
9.1
E53-COV17
(For Controllers after the
design change scheduled
for October 2010)
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com