Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV-R2T Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5CSV-R2T
Description  Temperature Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV-R2T Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5CSV-R2T Datasheet HTML 1Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 2Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 3Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 4Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 5Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 6Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 7Page - Omron Electronics LLC E5CSV-R2T Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
E5CSV
External Connection Diagram
Note: 1. The voltage output (12 VDC, 21 mA) is not electrically isolated from the internal circuits. When using a grounding thermocouple, do not
connect output terminals 1 or 2 to ground. Otherwise, unwanted current paths will cause measurement errors.
2. Models with 100 to 240 VAC and 24 VAC/VDC are separate. Models using 24 VDC have no polarity.
3. The number of alarm outputs depends on the model.
Nomenclature
E5CSV Models with Terminal Blocks
8
9
10
7
6
3
4
5
2
1
1
2
1
2
3
4
5
12 VDC,
21 mA
Alarm output
Alarm output 2 (See note 3
Alarm output 1 (See note 3
Relay output
models
Voltage output
models
(See note 1.)
Thermocouple/
platinum resistance thermometer universal-input
100 to 240 VAC, 50/60 Hz
(24 VAC/VDC)
(See note 2.)
A
B
B
Thermocouple
input
Relay output
Voltage output
Platinum resistance
thermometer input
Output indicator
Alarm indicators
Temperature display
Up Key
Down Key
Deviation indicators
Mode indicators
Mode Key
Lock Release Key



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com