Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FQ2 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 9Page - Omron Electronics LLC FQ2 Datasheet HTML 10Page - Omron Electronics LLC FQ2 Datasheet HTML 11Page - Omron Electronics LLC FQ2 Datasheet HTML 12Page - Omron Electronics LLC FQ2 Datasheet HTML 13Page - Omron Electronics LLC FQ2 Datasheet HTML 14Page - Omron Electronics LLC FQ2 Datasheet HTML 15Page - Omron Electronics LLC FQ2 Datasheet HTML 16Page - Omron Electronics LLC FQ2 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Communication Interfaces
The Sensor includes communication interfaces for compatibility with a wide
range of host devices. This helps reduce the design work required for data
communications between the Sensor and a PLC.
Our expansion units enable expansion to up to three
times the number of I/O connections. This enables the
output of individual judgement results for each inspec-
tion, a feature that has been highly requested.
I/O Expansion Units
FINS
OMRON’s exclusive FINS/TCP communications interface
can be used to connect to low-cost OMRON PLCs. With
this communications interface, no communications con-
trols are required to process the sending and receiving of
complex TCP packets. You get faster, simpler connections
to OMRON PLCs.
EtherNet/IP™
EtherNet/IP™ communications, a standard widely used in
communications systems in factories around the world, is
also supported. This communication interface enables
simple and easy connections to a wide range of EtherNet/IP™
devices, including OMRON PLCs.
This Sensor Data Unit supports standard RS-232C com-
munications.
RS-232C Communications Unit
PLC Link
PLC link greatly reduces the amount of time and work that
is required to create ladder programs.
OMRON PLCs: CS, CJ1, CJ2, CP1 and NSJ Series
Mitsubishi Electric PLCs: Q Series
Compatible Models
OMRON PLCs: CS, CJ1, CJ2, CP1 and NSJ Series
Compatible Models
OMRON Machine Automation Controllers: NJ Series
OMRON PLCs: CS, CJ1 and CJ2 Series
Compatible Models
Inputs: 7
Outputs: 3
Inputs: 11
Outputs: 24
Inputs:8
Outputs:7
FQ-WU Sensor Data Unit Cable
FQ-SDU1FQ I/O
Sensor Data Unit
FQ-WU Sensor Da
F
In
O
FQ-S
Sens
FQ-WU Sensor Data Unit Cable
Inputs: 7
Outputs: 3
FQ-WU Sensor Da
F
FQ-SDU2 RS-232C
Sensor Data Unit
RS-232C
Note: The type of communications interface depends on the model of the Sensor.
Refer to page 22 for details.
This is a small monitor with a touch panel. It's du-
rable, rugged design is shock-resistant and porta-
ble. It has passed our standard 1.3 m drop test.
On-screen messages can be changed between
nine different languages: English, Traditional Chi-
nese, Simplified Chinese, Korean, Japanese,
German, French, Italian, and Spanish.
Touch Finder
The Setup Tool provides the same functions as
those on the Touch Finder, but on a PC. In addi-
tion, offline simulation can be performed without
the need of a sensor. The software can be down-
loaded for free by any customer with the purchase
of a Sensor. Refer to the member registration
sheet that is enclosed with the sensor for details.
Touch Finder for PC
You can choose the operation interface and monitor size to suit your application.
Operation Interfaces
*.Custom controls to easily display images and results measured by the FQ2 Series on applications created with Microsoft Visual Studio.
The Microsoft® .NET software is used to connect users, information, systems, and devices.
・Microsoft .NET is either a registered trademark or trademark of Microsoft Corporation in the United States and/or other countries.
・EtherNet/IP™ is the trademark of ODVA.
Larger monitor
Larger + integrated monitor
Customizable user interface
grated monitor
e user interface
■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■
■■■■■■■■■■■■■■■■■■
13
Customizing user interface using .NET controls*
makes the onsite monitor easier to read. You can
increase or reduce the size of displayed measure-
ment images and text to meet the demands of
onsite operators.
Integrated Machine Monitor(.NET controls)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com