Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FQ2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  FQ2 Datasheet HTML 1Page - Omron Electronics LLC FQ2 Datasheet HTML 2Page - Omron Electronics LLC FQ2 Datasheet HTML 3Page - Omron Electronics LLC FQ2 Datasheet HTML 4Page - Omron Electronics LLC FQ2 Datasheet HTML 5Page - Omron Electronics LLC FQ2 Datasheet HTML 6Page - Omron Electronics LLC FQ2 Datasheet HTML 7Page - Omron Electronics LLC FQ2 Datasheet HTML 8Page - Omron Electronics LLC FQ2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Introducing the Smart Heavyweight
NG
NG
Code
Reader
OCR
OK
4
OK
Inspection capabilities, camera options, and
communication options -- this powerful heavy-
weight has it all.
This Vision Sensor provides all of the best-selling
features found in high-end models without the
need as in vision system for a separate controller.
This new Smart Camera was designed to attract
potential customers to try the FQ2 Series.
1
2
3
4
5
High-
speed
image processor
HDR
E-IP
IP67
FINS
RS-
232C
Megapixel
capacity
Real
color
Monochrome
C
-mount
9
inspection
items
11
image
filters
32
-camera
expansion
360°
position
compensation
Ultra-
wide
field of view
DAP
partial input
Sub-pixel
processing
High-power
lighting
PLC
Link
34 I/O
points
Password
Image
inversion
Missing Pill
1
Misalignment
2
Package Insert
Detection
3
Reading Barcode
4
de
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com