Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FQ2 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # FQ2
Description  The New Standard for Image Inspection FQ2 Smart Camera
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FQ2 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button FQ2 Datasheet HTML 17Page - Omron Electronics LLC FQ2 Datasheet HTML 18Page - Omron Electronics LLC FQ2 Datasheet HTML 19Page - Omron Electronics LLC FQ2 Datasheet HTML 20Page - Omron Electronics LLC FQ2 Datasheet HTML 21Page - Omron Electronics LLC FQ2 Datasheet HTML 22Page - Omron Electronics LLC FQ2 Datasheet HTML 23Page - Omron Electronics LLC FQ2 Datasheet HTML 24Page - Omron Electronics LLC FQ2 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Accessories
Industrial Switching Hubs (Recommended)
External Lighting
*1. Included with Integrated Sensor.
*2. A mounting Bracket with improved resistance to vibrations and
other external stresses that cause displacement of the optical axis
and field of view.
*3. Included with Sensor with C-mount.
*4. AC Adapters for Touch Finder with DC / AC / Battery Power
Supply.Select the model for the country in which the Touch Finder
will be used.
*5. The Battery uses a lithium ion secondary battery. Confirm any
applicable laws and regulations in the destination country if you
export the Battery.
*6. Enclosed with Touch Finder.
Lenses for C-mount Camera Refer to optical chart on p.30 for selection of a lens.
High-resolution, Low-distortion Lenses
Extension Tubes
* Do not use the 0.5-mm, 1.0-mm, and 2.0-mm Extension Tubes
attached to each other. Since these ExtensionTubes are placed
over the threaded section of the Lens or other Extension Tube, the
connection may loosen when more than one 0.5-mm, 1.0- mm or
2.0-mm Extension Tube are used together.
* Reinforcement is required to protect against vibration when
Extension Tubes exceeding 30 mm are used.
Application
Appearance
Name
Model
For Sensor
Mounting Bracket *1
FQ-XL
Mounting Bracket for high-
precision sensing *2
FQ-XL2
Mounting Base for
C-mount type *3
FQ-XLC
Polarizing Filter Attachment *1
FQ-XF1
For Touch
Finder
Panel Mounting Adapter
FQ-XPM
AC Adapter
(for AC/DC/battery model) *4
FQ-A
@
Battery *5
(for AC/DC/battery model)
FQ-BAT1
Touch Pen *6
FQ-XT
Strap
FQ-XH
SD Card (2 GB)
HMC-
SD291
SD Card (4 GB)
HMC-
SD491
Appearance
Number
of ports
Failure
detection
Current
consumption
Model
3
None
0.22 A
W4S1-03B
5
None
0.22 A
W4S1-05B
Supported
W4S1-05C
Type
Model
FLVSeries
Refer to Vision Accessory Catalog (Q198)
FL Series
Plug Type
Voltage
Certified standards
Model
A
125 V max.
PSE
FQ-AC1
UL/CSA
FQ-AC2
250 V max.
CCC mark
FQ-AC3
C
250 V max.
---
FQ-AC4
Model
3Z4S-LE
SV-0614H
3Z4S-LE
SV-0814H
3Z4S-LE
SV-1214H
3Z4S-LE
SV-1614H
3Z4S-LE
SV-2514H
3Z4S-LE
SV-3514H
3Z4S-LE
SV-5014H
3Z4S-LE
SV-7525H
3Z4S-LE
SV-10028H
Appearance/
Dimensions
(mm)
Focal length
6mm
8mm
12mm
16mm
25mm
35mm
50mm
75mm
100mm
Brightness
F1.4
F1.4
F1.4
F1.4
F1.4
F1.4
F1.4
F2.5
F2.8
Filter size
M40.5 P0.5
M35.5 P0.5
M27 P0.5
M27 P0.5
M27 P0.5
M35.5 P0.5
M40.5 P0.5
M34.0 P0.5
M37.5 P0.5
57.5
42 dia.
52.5
39 dia.
51.0
30 dia.
47.5
30 dia.
36.0
30 dia.
45.5
44 dia.
57.5
44 dia.
36 dia.
42.0[WD:
∞] to
54.6[WD:1200]
39 dia.
66.5[WD:
∞] to
71.6[WD:2000]
Model
3Z4S-LE SV-EXR
Contents
Set of 7 tubes
(40 mm, 20 mm,10 mm, 5 mm,
2.0 mm,1.0 mm, and 0.5 mm)
Maximum outer diameter: 30 mm dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com