Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-R1
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CSM_E3S-A_DS_E_10_2
1
Built-in Amplifier Photoelectric Sensor (Medium Size)
E3S-A
Ordering Information
Built-in Amplifier Photoelectric Sensors
*1. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted.
*2. Values in brackets are the minimum required distance between the Sensor and Reflector.
Be sure to read Safety Precautions
on page 10.
Sensing method Appearance
Connection
method
Sensing distance
Functions
Model
NPN output
PNP output
Through-beam
Sensors *1
Pre-wired
---
E3S-AT11 2M
Emitter
E3S-AT11-L
Receiver E3S-AT11-D
E3S-AT31 2M
Emitter
E3S-AT31-L
Receiver E3S-AT31-D
E3S-AT21 2M
Emitter
E3S-AT21-L
Receiver E3S-AT21-D
E3S-AT41 2M
Emitter
E3S-AT41-L
Receiver E3S-AT41-D
Connector
(M12)
---
E3S-AT16
Emitter
E3S-AT16-L
Receiver E3S-AT16-D
E3S-AT36
Emitter
E3S-AT36-L
Receiver E3S-AT36-D
Pre-wired
---
E3S-AT61 2M
Emitter
E3S-AT61-L
Receiver E3S-AT61-D
E3S-AT81 2M
Emitter
E3S-AT81-L
Receiver E3S-AT81-D
E3S-AT71 2M
Emitter
E3S-AT71-L
Receiver E3S-AT71-D
E3S-AT91 2M
Emitter
E3S-AT91-L
Receiver E3S-AT91-D
Connector
(M12)
---
E3S-AT66
Emitter
E3S-AT66-L
Receiver E3S-AT66-D
E3S-AT86
Emitter
E3S-AT86-L
Receiver E3S-AT86-D
Retro-reflective
Sensors
Pre-wired
*2
---
E3S-AR11 2M
E3S-AR31 2M
E3S-AR21 2M
E3S-AR41 2M
Connector
(M12)
---
E3S-AR16
E3S-AR36
Pre-wired
---
E3S-AR61 2M
E3S-AR81 2M
E3S-AR71 2M
E3S-AR91 2M
Connector
(M12)
---
E3S-AR66
E3S-AR86
Red light
Infrared light
Horizontal
7 m
Timer
Self Diagnosis
Turbo
External
Diagnosis
Vertical
Timer
Self Diagnosis
Turbo
External
Diagnosis
Horizontal
2 m
(100 mm)
Timer
Self Diagnosis
Turbo
External
Diagnosis
Vertical
Timer
Self Diagnosis
Turbo
External
Diagnosis


Similar Part No. - E39-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E39-R1 ETC-E39-R1 Datasheet
329Kb / 8P
Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E39-R1 OMRON-E39-R1 Datasheet
1Mb / 64P
Optical Fiber Photoelectric Sensor
E39-R1 OMRON-E39-R1 Datasheet
296Kb / 10P
Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
E39-R1 OMRON-E39-R1 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R1 OMRON-E39-R1 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E39-R1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
Built-in Amplifier Photoelectric Sensor (Medium Size)
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E39-S46 OMRON-E39-S46 Datasheet
4Mb / 21P
Built-in Amplifier Photoelectric Sensor (Medium Size)
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com